Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU4530NLS Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STU4530NLS
Description  N-Channel Logic Level E nhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU4530NLS Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STU4530NLS Datasheet HTML 1Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 2Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 3Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 4Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 5Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 6Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 7Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 8Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
S TU/D4530NLS
6
F igure 12. Maximum S afe
O perating Area
V DS , Drain-S ource V oltage (V )
100
10
0.5
0.1
1
1
10
30 60
VGS =10V
S ingle P ulse
Tc=25 C
DC
1s
100
ms
10m
s
1m
s
F igure 10. G ate C harge
Qg, T otal G ate C harge (nC )
10
8
6
4
2
0
0
5
10 15 20 25
30
35 40
VDS=15V
ID=10A
F igure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
0
5
10
15
20
25
30
2400
2000
1600
1200
800
400
0
C iss
C oss
C rss
F igure 11.s witching characteris tics
R g, G ate R esistance (
W)
100
10
1
1
6 10
60 100
60
600
300
220
T D(off)
T f
V DS =15V ,ID=1A
V G S =10V
5
600
T D(on)
T r



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com