Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU4530NLS Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STU4530NLS
Description  N-Channel Logic Level E nhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU4530NLS Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STU4530NLS Datasheet HTML 1Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 2Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 3Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 4Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 5Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 6Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 7Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 8Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TC=25 C unless otherwise noted)
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS
Diode Forward Voltage
VSD
VGS = 0V, Is = 20A
1.3
V
a
Notes
b.Guaranteed by design, not subject to production testing.
a.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
F igure 2. Transfer C haracteristics
F igure 4. On-R esistance Variation with
Drain C urrent and Temperature
ID, Drain C urrent (A)
V GS , G ate-to-S ource Voltage (V )
3
S TU/D4530NLS
12
9
6
3
0
-55 C
25 C
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
T j=125 C
0.95
T j( C )
T j, J unction T emperature ( C )
F igure 1. Output C haracteristics
V DS , Drain-to-S ource Voltage (V )
50
40
30
20
10
0
0
0.5
1
1.5
2
2.5
3
V GS =3V
V GS =4V
V GS =4.5V
V GS =10V
F igure 3. On-R esistance vs. Drain C urrent
and G ate V oltage
12
24
36
48
60
0
V GS =10V
V GS =4.5V
V GS =2.5V
2.0
1.8
1.6
1.4
1.2
1.0
0
0
25
50
125
100
75
V GS =10V
ID=10A
V GS =4.5V
ID=5A
150
60
15
c.Guaranteed when external R g=6 ohm and tf < tf max



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com