Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU4530NLS Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STU4530NLS
Description  N-Channel Logic Level E nhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU4530NLS Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STU4530NLS Datasheet HTML 1Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 2Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 3Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 4Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 5Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 6Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 7Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 8Page - SamHop Microelectronics Corp. STU4530NLS Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel Logic Level E nhancement Mode Field E ffect Transistor
TO-252 and TO-251 Package.
ABS OLUTE MAXIMUM R ATINGS (Ta=25 C unless otherwise noted)
S amHop Microelectronics C orp.
Dec 28,2005
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W )
35V
53A
8
@ V GS = 10V
10
@ V GS = 4.5V
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S
G
D
S TU S E R IE S
TO-252AA(D-PAK)
S TD S E R IE S
TO-251(l-PAK)
G
G
S
S
D
D
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Case
Thermal R esistance, Junction-to-Ambient
R JC
3
50
R JA
/W
C
/W
C
35
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
20
VGS
V
-Pulsed
53
ID
A
IDM
A
Drain-S ource Diode Forward Current
20
IS
A
Maximum Power Dissipation
PD
W
Operating and S torage Temperature R ange
TJ, TS TG
-55 to 175
C
@ Tc=25 C
50
Drain Current-Continuous
@ TC=25 C
a
T yp
S T U/D4530NLS
100
V
40
Vspike (c)
Drain-S ource Voltage R ating


Similar Part No. - STU4530NLS

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU4530NL SAMHOP-STU4530NL Datasheet
770Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
More results

Similar Description - STU4530NLS

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDP75N03L SAMHOP-SDP75N03L Datasheet
494Kb / 6P
N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP85N03L SAMHOP-SDP85N03L Datasheet
533Kb / 6P
N-Channel Logic Level E nhancement Mode Field Effect Transistor
STP3055L2 SAMHOP-STP3055L2 Datasheet
676Kb / 7P
N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3030NL SAMHOP-STU3030NL Datasheet
826Kb / 8P
N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3030NLS SAMHOP-STU3030NLS Datasheet
825Kb / 9P
N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NL SAMHOP-STU3525NL Datasheet
888Kb / 8P
N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NLS SAMHOP-STU3525NLS Datasheet
850Kb / 9P
N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU5025NLS SAMHOP-STU5025NLS Datasheet
791Kb / 9P
N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NL SAMHOP-STU6025NL Datasheet
874Kb / 8P
N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NLS SAMHOP-STU6025NLS Datasheet
790Kb / 9P
N-Channel Logic Level E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com