Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14155
Description  14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14155 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC14155 Datasheet HTML 2Page - National Semiconductor (TI) ADC14155 Datasheet HTML 3Page - National Semiconductor (TI) ADC14155 Datasheet HTML 4Page - National Semiconductor (TI) ADC14155 Datasheet HTML 5Page - National Semiconductor (TI) ADC14155 Datasheet HTML 6Page - National Semiconductor (TI) ADC14155 Datasheet HTML 7Page - National Semiconductor (TI) ADC14155 Datasheet HTML 8Page - National Semiconductor (TI) ADC14155 Datasheet HTML 9Page - National Semiconductor (TI) ADC14155 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
A,VD)
−0.3V to 4.2V
Supply Voltage (V
DR)
−0.3V to 2.4V
|V
A–VD|
≤ 100 mV
Voltage on Any Input Pin
−0.3V to (V
A
+0.3V)
Voltage on Any Output Pin
-0.3V to (V
DR
+0.2V)
Input Current at Any Pin other than
Supply Pins (Note 3)
±5mA
Package Input Current (Note 3)
±TBD mA
Max Junction Temp (T
J)
+150˚C
Thermal Resistance (
θ
JA)
24˚C/W
Package Dissipation at T
A = 25˚C
(Note 4)
5.2W
ESD Rating
Human Body Model (1.5k
Ω,
100pF)
2500V
Machine Model (0
Ω, 200pF)
250V
Storage Temperature
−65˚C to +150˚C
Soldering process must comply with National
Semiconductor’s Reflow Temperature Profile
specifications. Refer to www.national.com/packaging.
(Note 5)
Operating Ratings (Notes 1, 2)
Operating Temperature
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
A,VD)
+3.0V to +3.6V
Output Driver Supply (V
DR)
+1.6V to +2.0V
CLK
−0.05V to (V
A + 0.05V)
Clock Duty Cycle
30/70 %
Analog Input Pins
0V to 2.6V
V
CM
1.4V to 1.6V
|AGND-DGND|
≤100mV
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DGND = DRGND = 0V, V
A =VD = +3.3V, VDR = +1.8V,
Internal V
REF = +1.0V, fCLK = 155 MHz, VCM =VRM,tr =tf = TBD ns, CL = 5 pF/pin, Differential Clock Mode, Offset Binary For-
mat. Typical values are for T
A = 25˚C. Boldface limits apply for TMIN
≤ T
A
≤ T
MAX. All other limits apply for TA = 25˚C (Notes
6, 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
14
Bits (min)
INL
Integral Non Linearity (Note 10)
±1.5
TBD
LSB (max)
DNL
Differential Non Linearity
±0.5
TBD
LSB (max)
PGE
Positive Gain Error
+0.3
TBD
%FS (max)
NGE
Negative Gain Error
+0.03
TBD
%FS (max)
TC GE
Gain Error Tempco
−40˚C
≤ T
A
≤ +85˚C
TBD
ppm/˚C
V
OFF
Offset Error (V
IN+=VIN−)
−0.1
TBD
%FS (max)
TC
V
OFF
Offset Error Tempco
−40˚C
≤ T
A
≤ +85˚C
TBD
ppm/˚C
Under Range Output Code
0
0
Over Range Output Code
16383
16383
REFERENCE AND ANALOG INPUT CHARACTERISTICS
V
CM
Common Mode Input Voltage
1.5
1.5±0.1
V
V
RM
Reference Ladder Midpoint Output
Voltage
Output load=1mA
1.5
TBD
V
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com