Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14155
Description  14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14155 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC14155 Datasheet HTML 4Page - National Semiconductor (TI) ADC14155 Datasheet HTML 5Page - National Semiconductor (TI) ADC14155 Datasheet HTML 6Page - National Semiconductor (TI) ADC14155 Datasheet HTML 7Page - National Semiconductor (TI) ADC14155 Datasheet HTML 8Page - National Semiconductor (TI) ADC14155 Datasheet HTML 9Page - National Semiconductor (TI) ADC14155 Datasheet HTML 10Page - National Semiconductor (TI) ADC14155 Datasheet HTML 11Page - National Semiconductor (TI) ADC14155 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Dynamic Converter Electrical Characteristics (Continued)
Unless otherwise specified, the following specifications apply: AGND = DGND = DRGND = 0V, V
A =VD = +3.3V, VDR = +1.8V,
Internal V
REF = +1.0V, fCLK = 155 MHz, VCM =VRM,tr =tf = TBD ns, CL = 5 pF/pin, Differential Clock Mode, Offset Binary For-
mat. Typical values are for T
A = 25˚C. Boldface limits apply for TMIN
≤ T
A
≤ T
MAX. All other limits apply for TA = 25˚C (Note
6) (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
(Note
9)
Limits
(Note
9)
Units
(Limits)
SINAD
Signal-to-Noise and Distortion
Ratio
f
IN = 10 MHz
72.2
dBFS
f
IN = 70 MHz
70.9
TBD
dBFS
f
IN = 169 MHz
69.1
dBFS
f
IN = 238 MHz
67.9
dBFS
f
IN = 398 MHz
TBD
dBFS
IMD
Intermodulation Distortion
f
IN = 19.5 MHz and 20.5 MHz,
each = −6.5 dBFS
TBD
dBFS
Logic and Power Supply Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DGND = DRGND = 0V, V
A =VD = +3.3V, VDR = +1.8V,
Internal V
REF = +1.0V, fCLK = 155 MHz, VCM =VRM,tr =tf = TBD ns, CL = 5 pF/pin, Differential Clock Mode, Offset Binary For-
mat. Typical values are for T
A = 25˚C. Boldface limits apply for TMIN
≤ T
A
≤ T
MAX. All other limits apply for TA = 25˚C (Notes
6, 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
DIGITAL INPUT CHARACTERISTICS (CLK, PD/DCS, CLK_SEL/DF)
V
IN(1)
Logical “1” Input Voltage
V
D = 3.6V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
D = 3.0V
1.0
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 3.3V
10
µA
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−10
µA
C
IN
Digital Input Capacitance
5
pF
DIGITAL OUTPUT CHARACTERISTICS (D0–D13, DRDY, OVR)
V
OUT(1)
Logical “1” Output Voltage
I
OUT = −0.5 mA , VDR = 1.8V
1.2
V (min)
V
OUT(0)
Logical “0” Output Voltage
I
OUT = 1.6 mA, VDR = 1.8V
0.4
V (max)
+I
SC
Output Short Circuit Source
Current
V
OUT = 0V
−10
mA
−I
SC
Output Short Circuit Sink Current
V
OUT =VDR
10
mA
C
OUT
Digital Output Capacitance
5
pF
POWER SUPPLY CHARACTERISTICS
I
A
Analog Supply Current
Full Operation
Powerdown (No Clock)
286
1.5
TBD
mA (max)
mA
I
D
Digital Supply Current
Full Operation
Powerdown
9
0
TBD
mA (max)
mA
I
DR
Digital Output Supply Current
Full Operation (Note 13)
Powerdown
15
0
TBD
mA (max)
mA
Power Consumption
Excludes I
DR (Note 13)
974
TBD
mW (max)
Power Down Power Consumption
Clock disabled
5
mW
PSRR
Power Supply Rejection Ratio
Ratio of Full-Scale Output with
V
A =3.0V vs. 3.6V
TBD
dB
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com