Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14155
Description  14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14155 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC14155 Datasheet HTML 9Page - National Semiconductor (TI) ADC14155 Datasheet HTML 10Page - National Semiconductor (TI) ADC14155 Datasheet HTML 11Page - National Semiconductor (TI) ADC14155 Datasheet HTML 12Page - National Semiconductor (TI) ADC14155 Datasheet HTML 13Page - National Semiconductor (TI) ADC14155 Datasheet HTML 14Page - National Semiconductor (TI) ADC14155 Datasheet HTML 15Page - National Semiconductor (TI) ADC14155 Datasheet HTML 16Page - National Semiconductor (TI) ADC14155 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Typical Performance Characteristics, Dynamic Performance Unless otherwise
specified, the following specifications apply: AGND = DGND = DRGND = 0V, V
A =VD = +3.3V, VDR = +1.8V, Internal VREF =
+1.0V, f
CLK = 155 MHz, VCM =VRM,tr =tf = TBD ns, CL = 5 pF/pin, Offset Binary Format. Typical values are for TA = 25˚C.
Boldface limits apply for T
MIN
≤ T
A
≤ T
MAX. All other limits apply for TA = 25˚C
SFDR vs. f
IN
SNR vs. f
IN
20179071
20179072
Spectral Response @ 70 MHz Input
Spectral Response @ 169 MHz Input
20179092
20179093
Spectral Response @ 238 MHz Input
20179094
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com