Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90G301QF-R330 Datasheet(PDF) 3 Page - CML Microcircuits

Part # CMX90G301QF-R330
Description  CMX90G301 1.4 – 7.1GHz Positive Gain-Slope Amplifier 1dB
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90G301QF-R330 Datasheet(HTML) 3 Page - CML Microcircuits

  CMX90G301QF-R330 Datasheet HTML 1Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 2Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 3Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 4Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 5Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 6Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 7Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 8Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1.4 - 7.1 GHz Positive Gain Slope Amplifier +1dB
CMX90G301
www.cmlmicro.com
Page 3
D/90G301/3 September 2022
Electrical Specification
Results taken on the EV90A301 EVB, board losses have been de-embedded using the calibration line on the EV90G301.
Zo = 50 Ω, Vd = +5 V, Ven = +5 V, Ta = +25 °C (unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Units
Frequency
1.4
7.1
GHz
Small Signal Gain
1.4 GHz
14.8
dB
Small Signal Gain
3.5 GHz
15.3
dB
Small Signal Gain
7.1 GHz
16.0
dB
Gain Slope
1.4 GHz to 7.1 GHz
+1
dB
Reverse Isolation
1.4 GHz to 7.1 GHz
20
dB
P1dB
At 3.5 GHz
11.5
dBm
OIP3
Two-tone test Δf = 10 MHz, at 3.5 GHz,
Pin/Tone = -20dBm
-
21
-
dBm
Noise Figure
3.5GHz
1.9
dB
Input Return Loss
1.4 GHz to 7.1 GHz
>10
dB
Output Return Loss
1.4 GHz to 7.1 GHz
>12
dB
Device Current (Id)
22
mA
Ven (Logic 1 = Enabled)
Amplifier normal operation
1.8
5
V
Ven (Logic 0 = Standby)
Amplifier in standby mode
0
0.2
V
Id
Ven = 0 V
<1
uA
Id
Ven = 0.2 V
8
uA
S21
Ven = 0 to 0.2 V
-15
dB
Ven Current (Ien)
Ven = 5 V
0.8
mA
Turn-On Time
RFin = TBC dBm
TBD
ns
Turn-Off Time
RFin = TBC dBm
TBD
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com