Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90G301QF-R330 Datasheet(PDF) 4 Page - CML Microcircuits

Part # CMX90G301QF-R330
Description  CMX90G301 1.4 – 7.1GHz Positive Gain-Slope Amplifier 1dB
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90G301QF-R330 Datasheet(HTML) 4 Page - CML Microcircuits

  CMX90G301QF-R330 Datasheet HTML 1Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 2Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 3Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 4Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 5Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 6Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 7Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 8Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1.4 - 7.1 GHz Positive Gain Slope Amplifier +1dB
CMX90G301
www.cmlmicro.com
Page 4
D/90G301/3 September 2022
Pin Assignments
Top View
Pin
Name
Description
1
NC
Connect to GND
2
NC
Connect to GND
3
RFin
RF input. Internally matched to 50 Ω with integrated DC-blocking
capacitor.
4
NC
Connect to GND
5
NC
Connect to GND
6
NC
Connect to GND
7
NC
Connect to GND
8
NC
Connect to GND
9
NC
Connect to GND
10
RFout
RF output. Internally matched to 50 Ω with integrated DC-blocking
capacitor.
11
NC
Connect to GND
12
NC
Connect to GND
13
NC
Connect to GND
14
Vd
Voltage supply to amplifier
15
GND
Connect to GND
16
Ven
Amplifier enable input
Die pad
GND
DC and RF ground. Exposed die pad must be connected to GND.
Notes
CML recommends that all no connect (NC) pins are connected to ground.
The bottom exposed die pad must be connected to the ground plane on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com