Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90G301QF-R330 Datasheet(PDF) 1 Page - CML Microcircuits

Part # CMX90G301QF-R330
Description  CMX90G301 1.4 – 7.1GHz Positive Gain-Slope Amplifier 1dB
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90G301QF-R330 Datasheet(HTML) 1 Page - CML Microcircuits

  CMX90G301QF-R330 Datasheet HTML 1Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 2Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 3Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 4Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 5Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 6Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 7Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 8Page - CML Microcircuits CMX90G301QF-R330 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMX90G301 1.4 – 7.1GHz Positive Gain-Slope Amplifier +1dB
www.cmlmicro.com
Page 1
D/90G301/3 September 2022
Description
The CMX90G301 is a low-
power 50 Ω cascadable
MMIC gain block suitable for a wide variety of
wireless applications operating in the 1.4
–
7.1 GHz frequency range.
The gain block has a positive gain-slope of +1dB
across
the
band,
eliminating
the
need
for
equalisation and compensates for increasing
system losses with frequency.
CMX90G301 is highly integrated for ease of use,
minimising component count and board area. RF
ports are matched on-
chip to 50 Ω with DC-
blocking capacitors. An active bias circuit allows
the device to operate over a wide supply voltage
of 2.7V to 5V with typical current of 22 mA.
Using GaAs pHEMT to provide a combination of
low DC power, low noise and high gain.
An alternative part, CMX90G302, is available for
applications
that
require
more
gain-slope
compensation.
Applications
•
Tx and Rx systems
•
4G / 5G wireless infrastructure
•
TDD and FDD
•
IF amplifier
•
License-free bands
•
General purpose gain block
•
Eliminate passive equaliser
Ordering Information
Part Number
Description
CMX90G301QF-R710
7” Reel with 1,000 pieces
CMX90G301QF-R330
13” Reel with 3,000 pieces
EV90G301
Evaluation board
3x3mm VQFN-16 Package
Product Features
•
Wide frequency range 1.4
– 7.1 GHz
•
Positive gain-slope +1dB
•
Small signal gain 14.8
– 16.0 dB
•
Single positive DC supply 2.7
– 5 V
•
Low noise figure 2 dB
•
Input and output matched to 50
Ω
•
Output P1dB +11.5 dBm @3.5 GHz
•
1.8 V logic compatible enable
•
105
°C operating temperature
Block Diagram


Similar Part No. - CMX90G301QF-R330

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX90G302 CMLMICRO-CMX90G302 Datasheet
1Mb / 16P
CMX90G302 1.4 – 7.1GHz Positive Gain-Slope Amplifier 2dB
September 2022
CMX90G302QF-R330 CMLMICRO-CMX90G302QF-R330 Datasheet
1Mb / 16P
CMX90G302 1.4 – 7.1GHz Positive Gain-Slope Amplifier 2dB
September 2022
CMX90G302QF-R710 CMLMICRO-CMX90G302QF-R710 Datasheet
1Mb / 16P
CMX90G302 1.4 – 7.1GHz Positive Gain-Slope Amplifier 2dB
September 2022
More results

Similar Description - CMX90G301QF-R330

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0039 MACOM-AM42-0039_1 Datasheet
77Kb / 3P
2Watt C-Band VSAT Power Amplifier 5.9-7.1GHz
logo
TriQuint Semiconductor
TQM879006A TRIQUINT-TQM879006A Datasheet
902Kb / 11P
1.4-2.7GHz W Digital Variable Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3603 AVAGO-VMMK-3603 Datasheet
926Kb / 10P
1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
logo
Integrated Technology F...
240108B ITF-240108B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 1.4 MHz
250121B ITF-250121B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 1.4 MHz
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3603 AVAGO-VMMK-3603_15 Datasheet
926Kb / 10P
1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
logo
Broadcom Corporation.
VMMK-3603 BOARDCOM-VMMK-3603 Datasheet
926Kb / 10P
1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
logo
Qorvo, Inc
QPB7400 QORVO-QPB7400 Datasheet
962Kb / 13P
CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
TQM879008 QORVO-TQM879008 Datasheet
745Kb / 10P
1.4-2.7 GHz 1/2 W Digital Variable Gain Amplifier
logo
CML Microcircuits
CMX90G302 CMLMICRO-CMX90G302 Datasheet
1Mb / 16P
CMX90G302 1.4 – 7.1GHz Positive Gain-Slope Amplifier 2dB
September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com