Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8142-2CHIP Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8142-2CHIP
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8142-2CHIP Datasheet(HTML) 3 Page - Analog Devices

  ADL8142-2CHIP Datasheet HTML 1Page - Analog Devices ADL8142-2CHIP Datasheet HTML 2Page - Analog Devices ADL8142-2CHIP Datasheet HTML 3Page - Analog Devices ADL8142-2CHIP Datasheet HTML 4Page - Analog Devices ADL8142-2CHIP Datasheet HTML 5Page - Analog Devices ADL8142-2CHIP Datasheet HTML 6Page - Analog Devices ADL8142-2CHIP Datasheet HTML 7Page - Analog Devices ADL8142-2CHIP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet
ADL8142-2
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 8
FREQUENCY RANGE: 23 GHZ TO 27 GHZ
TC = 25°C, supply voltage (VDD) = 2 V, and quiescent current (IDQ) = 25 mA for nominal operation, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
23
27
GHz
GAIN
28
dB
Gain Variation over Temperature
0.023
dB/°C
NOISE FIGURE
1.9
dB
RETURN LOSS
Input
11
dB
Output
12
dB
OUTPUT
Power for 1 dB Compression (OP1dB)
7
dBm
Saturated Output Power (PSAT)
9
dBm
OIP3
16
dBm
Measurement taken at output power
(POUT) per tone = –2 dBm
POWER ADDED EFFICIENCY (PAE)
14
%
Measured at PSAT
FREQUENCY RANGE: 27 GHZ TO 31 GHZ
TC = 25°C, VDD = 2 V, and IDQ = 25 mA for nominal operation, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
27
31
GHz
GAIN
23.5
26.5
dB
Gain Variation over Temperature
0.022
dB/°C
NOISE FIGURE
1.8
dB
RETURN LOSS
Input
21
dB
Output
8
dB
OUTPUT
OP1dB
6
8.5
dBm
PSAT
10
dBm
OIP3
20
dBm
Measurement taken at POUT per tone
= –2 dBm
POWER ADDED EFFICIENCY (PAE)
17
%
Measured at PSAT
DC SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
SUPPLY CURRENT
IDQ
25
mA
Amplifier Current (IDQ_AMP)
22.6
mA
RBIAS Current (IRBIAS)
2.4
mA
SUPPLY VOLTAGE (VDD)
1.5
2
3.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com