Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8142-2CHIP Datasheet(PDF) 4 Page - Analog Devices

Part # ADL8142-2CHIP
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8142-2CHIP Datasheet(HTML) 4 Page - Analog Devices

  ADL8142-2CHIP Datasheet HTML 1Page - Analog Devices ADL8142-2CHIP Datasheet HTML 2Page - Analog Devices ADL8142-2CHIP Datasheet HTML 3Page - Analog Devices ADL8142-2CHIP Datasheet HTML 4Page - Analog Devices ADL8142-2CHIP Datasheet HTML 5Page - Analog Devices ADL8142-2CHIP Datasheet HTML 6Page - Analog Devices ADL8142-2CHIP Datasheet HTML 7Page - Analog Devices ADL8142-2CHIP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet
ADL8142-2
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 8
RADIATION TEST AND LIMIT SPECIFICATIONS
Electrical characteristics at VDD = 2 V, IDQ = 25 mA, RBIAS = 499 Ω, and TC = 25°C, unless otherwise noted. Total ionizing dose (TID) testing
characterized to 30 krads, SEL ≥ 62.4 MeV-cm2/mg.
Table 4.
Parameter
Min
Typ
Max
Unit
FREQUENCY RANGE
27
31
GHz
GAIN
23.5
26.5
dB
OP1dB
6
8.5
dBm
SUPPLY CURRENT
IDQ
25
mA
SUPPLY VOLTAGE (VDD)
1.5
2
3.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com