Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8142-2CHIP Datasheet(PDF) 5 Page - Analog Devices

Part # ADL8142-2CHIP
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8142-2CHIP Datasheet(HTML) 5 Page - Analog Devices

  ADL8142-2CHIP Datasheet HTML 1Page - Analog Devices ADL8142-2CHIP Datasheet HTML 2Page - Analog Devices ADL8142-2CHIP Datasheet HTML 3Page - Analog Devices ADL8142-2CHIP Datasheet HTML 4Page - Analog Devices ADL8142-2CHIP Datasheet HTML 5Page - Analog Devices ADL8142-2CHIP Datasheet HTML 6Page - Analog Devices ADL8142-2CHIP Datasheet HTML 7Page - Analog Devices ADL8142-2CHIP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet
ADL8142-2
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 8
Table 5.
Parameter
Rating
VDD
4.0 V
RFIN
20 dBm
Continuous Power Dissipation (PDISS), TC = 85°C
(Derate 6 mW/°C Above 85°C)
0.54 W
Temperature
Storage Range
−65°C to +150°C
Operating Range
−55°C to +85°C
Nominal Channel (TC = 85°C, VDD = 2 V, IDQ = 25
mA, Input Power (PIN) = Off)
93.3°C
Maximum Channel
175°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Overall thermal performance is directly linked to the carrier or
substrate on which the die is mounted. Careful attention is needed
with each material used in the thermal path below the IC. With an
epoxy layer of nominal thickness assumed under the die, θJC is the
thermal resistance from the die channel to the bottom of the epoxy
layer.
Table 6. Thermal Resistance
Package Type
θJC
Unit
C-8-28
166.5
°C/W
OUTGAS TESTING
The criteria used for the acceptance and rejection of materials must
be determined by the user and based upon specific component and
system requirements. Historically, a total mass loss (TML) of 1.00%
and collected volatile condensable material (CVCM) of 0.10% have
been used as screening levels for rejection of spacecraft materials.
Table 7. Outgas Testing
Specification (Tested
per ASTM E595 -15)1
Value
Unit
Total Mass Lost
0.10
%
Collected Volatile
Condensable Material
0.01
%
Water Vapor Recovered
0.02
%
1 Outgas testing was performed after encapsulating the ADL8142-2C-CSL chip
in the 8-lead lead frame chip scale package (LFCSP) of the ADL8142 .
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDDEC JS-001.
ESD Ratings for the ADL8142-2C-CSL
Table 8. ADL8142-2C-CSL, 8-Pad CHIP
ESD Model
Withstand Threshold (V)
Class
HBM
±250
1A
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com