Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36WSWPDOBD0211 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 36WSWPDOBD0211
Description  Simplifying the multi-cloud with a domain focus application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

36WSWPDOBD0211 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  36WSWPDOBD0211 Datasheet HTML 1Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 2Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 3Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
EIS-S232
Specifications
EIS-S232-U20STB1
EIS-S232-01DSTB1
EIS-S232-01DS281
Processor System
CPU
Xeon W-1290TE
i7-10700E
i3-10100E
Frequency
1.8-4.5GHz
2.9-4.5GHz
3.2~3.8GHz
L3 Cache
20MB
16MB
6MB
Cores
10
8
4
TDP
35W
65W
65W
ECC memory support
(support by CPU)
Yes
No
Yes
Chipset
W480E
BIOS
AMI EFI 256Mbit
Memory
Technology
DDR4 2933 MHz
Max. Capacity
64 GB
Socket
2 x 260-pin SO-DIMM
uilt-in
DDR4 2666 ECC 32GB (-40 ~ 85 °C) -
-
Graphics
Chipset
Intel® UHD Graphics 630
Graphic Engine
DirectX 12, OpenGL 4.5
HW Encode: H.265/HEVC, H.264/MPEG-4 AVC, MPEG-2, JPEG/MJPEG and VP8.
HW Decode: H.265/HEVC, H.264/MPEG-4 AVC, MPEG-2, VC-1/WMV9, JPEG/MJPEG, VP8 and VP9
VGA
1920x1200@ 60Hz
HDMI
1 HDMI port, HDMI 1.4 for HD video playback, 4096x2160@30Hz
Optional 3rd Display module
DVI-D / DP / HDMI Display Port
Triple Display
VGA+HDMI + 3rd display module
Ethernet
LAN1
10/100/1000 Mbps Intel I219-LM GbE, support Wake On Lan
LAN2
10/100/1000 Mbps Intel I210 GbE, support Wake On Lan
Audio
Interface
Realtek ALC888S, High Definition Audio, Line-out/Mic-in (switch)
Others
Watch dog Timer
255-level timer interval, setup by software
TPM
TPM 2.0 (by AMO-I029)
Optional
Optional
I/O Interface
Serial Port
4 x RS-232/422/485 port with auto flow control, 2 x RS-232; COM3 support 5V/12V power supply (by jumper)
USB
4 x USB 3.2 (Gen2,10G),2 x USB 3.0, 2 x Independent USB 3.0
GPIO
16bit GPIO
Expansions
Mini PCIe
1 x Full-size Mini PCIe (1 x support mSATA, 1 x support SIM holder) #1
M.2
1 x E key for WiFi #1
iDoor
1 x Advantech iDoor Module
Add-on Card Slot
2 Slot PCI + 1 Slot PCIex16
Maximum card size
110mm (H) x 180mm (L)
Storage
SSD/HDD
2 x 2.5" SATAIII 15mm height HDD bay support Intel SW RAID (Up to 4 x 2.5" SATAIII HDD bays by optional
AMK-A0035)
mSATA
1 x mSATA socket (Share with Mini PCIe)
Built-in SSD
1TB -40 ~ 85 °C SSD
-
-
OS Support
Microsoft Windows
Windows 10 IoT Enterprise 2019 LTSC 64bit
Linux
Ubuntu Desktop 20.04 LTS 64bit
Power Requirements
Power Type
AT/ATX
Power Input Voltage
12-36V
Power Adapter
AC to DC, 230W (Optional)
Power Consumption
(CPU/Memory Only)
Typical
30W
Max.
64.8W
Mechanical
Construction
Aluminum housing
Mounting
Desk mounting
Dimensions (W x H x D)
197.2 x 204 x 230 mm
Weight
6.41Kg
Environment
Operating Temperature
Up to 65W processor with extended temp peripherals: -20 ~ 60° C with 0.7m/s air flow
with HDD: 0 ~ 40° C with 0.7m/s air flow
Storage Temperature
-40 ~ 85° C
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With SSD: 3 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis.
Shock During Operation
With SSD: 30 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class B, CCC, BSMI
Safety
CB, UL, CCC, BSMI
#1 SIM holder and M.2 slot are hardware interfaces for wireless communication integration only. System level RF certification is not available.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com