Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36WSWPDOBD0211 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 36WSWPDOBD0211
Description  Simplifying the multi-cloud with a domain focus application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

36WSWPDOBD0211 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  36WSWPDOBD0211 Datasheet HTML 1Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 2Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 3Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Fanless Embedded Box PCs
Features
EIS-S232
Simplifying the multi-cloud with a
domain focus application
RoHS
COMPLIANT
2002/95/EC
ƒ
High-performance edge cloud server with Intel® 10th Gen. Xeon® W and
Core™ i3/i7 processor
ƒ
Available with open and standard structure: Kubernetes (MicroK8S) built-in,
multiple DB connections, and on-demand micro-services
ƒ
Integrated IoT software for private cloud deployment, platform management,
and application integration
ƒ
Sustainable management — condition monitoring, load balancing, and
self-healing
ƒ
Integrated iEdge Server dashboard for front-/back-end management
Introduction
For accelerating IoT application landing, Advantech provide Edge cloud solution EIS-S232 for our customer to build a stable and reliable back-end data service or light private cloud.
EIS-S232 is a all-in-one solution for user.It builded in Intel Xeon CPU to offer extreme computing power for data service. Moreover, EIS-S232 is integrated Kubernates to support
micro-service, and build-in complete back-end software components, includes RabbitMQ for IoT Hub, mongoDB and PostgreSQL for database, Grafana for data visualization and
Prometheus for Back-end management. EIS-S232 also provide dynamically scale out function, user can extend the resources if necessary.It help customer create IoT applications
more easily and flexibly. Speed up the time to market.
Software Stack
Platform
Management
Application
Development
Message Broker
Operation
Management
• Lightweight and easy to
deploy on premises and in
the cloud. It supports
multiple messaging
protocols.
Data Synchronization
• DB Synchronization
• Data Visualization
• Data center migration
Vertical APP Deployment
• Centralize Management
• Easy deploy cloud to Edge
• Save development time and
cost
Cloud Service Integration
• Flexible API
• Ready to use app
• Platform security protection
Database Management
• A powerful, open source
object-relational database
system.
• MongoDB is a document
database, which means it
stores data in JSON-like
documents.
Backend Management
• Kubernetes is a deployment,
scaling, and management of
containerized applications.
MicroK8s derived from it,
provides a smaller footprint,
scalable from a single node
to a high-availability
production cluster.
• Prometheus, an open-source
software application that is
used for event monitoring
and alerting.
Data Visualization
• Allows you to query,
visualize, alert on and
understand your metrics.
Machine Learning
• Making deployments of
machine learning (ML)
workflows on Kubernetes
Device Management
App Management
• Kubeapps is a web-based
UI for deploying and
managing applications in
Kubernetes clusters.
• The Docker Registry is a
stateless, highly scalable
server side application that
stores and lets you
distribute Docker images.
• ChartMuseum is an
open-source Helm Chart
Repository server written
in Go (Golang).
All product specifications are subject to change without notice.
Last updated: 23-Jun-2022


Similar Part No. - 36WSWPDOBD0211

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
More results

Similar Description - 36WSWPDOBD0211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5042 FAIRCHILD-KSC5042 Datasheet
46Kb / 4P
High Voltage Switchihg Dynamic Focus Application
KSC5042F FAIRCHILD-KSC5042F Datasheet
56Kb / 4P
High Voltage Switchihg Dynamic Focus Application
KSC5042M FAIRCHILD-KSC5042M Datasheet
49Kb / 4P
High Voltage Switchihg Dynamic Focus Application
KSC5042FTU FAIRCHILD-KSC5042FTU Datasheet
62Kb / 4P
High Voltage Switchihg Dynamic Focus Application
logo
Xilinx, Inc
WP358 XILINX-WP358 Datasheet
368Kb / 10P
Simplifying Embedded
logo
Taoglas antenna solutio...
FXP611070092C TAOGLAS-FXP611070092C Datasheet
477Kb / 12P
The CLoud Flexible Polymer Cloud Shape Antenna
logo
Maxim Integrated Produc...
MAX11666EVKIT MAXIM-MAX11666EVKIT Datasheet
8Mb / 39P
Time Domain, Frequency Domain, and Histogram Plotting in the EV Kit Software
Rev 0; 6/11
MAX19777EVKIT MAXIM-MAX19777EVKIT Datasheet
3Mb / 20P
Time Domain, Frequency Domain, and Histogram Plotting in the EV Kit Software
Rev 0; 1/18
logo
Advantech Co., Ltd.
ECU-1050 ADVANTECH-ECU-1050 Datasheet
420Kb / 1P
Cloud enabled Intelligent Communication Gateway for IIOT application
12-Oct-2021
ECU-1051E ADVANTECH-ECU-1051E Datasheet
338Kb / 1P
Cloud enabled Intelligent Communication Gateway for IIOT application
31-Aug-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com