Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36WSWPDOBD0211 Datasheet(PDF) 4 Page - Advantech Co., Ltd.

Part # 36WSWPDOBD0211
Description  Simplifying the multi-cloud with a domain focus application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

36WSWPDOBD0211 Datasheet(HTML) 4 Page - Advantech Co., Ltd.

  36WSWPDOBD0211 Datasheet HTML 1Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 2Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 3Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.advantech.com/products
Online Download
EIS-S232
Ordering Information
Part No.
CPU
DDR4
SSD
Gbe
VGA
HDMI RS-232 RS-232/
422/485
USB
MiniPCIe
SIM
M.2
TPM
DC Input Expansion
EIS-S232-U20STB1
Xeon
W-1290TE
DDR4 2666
ECC 32GB
1TB SSD
2
1
1
2
4
8
1
1
1
1
12-36V
iDoor + PCIe x 16 + 2PCI
EIS-S232-01DSTB1
I7-10700E
-
-
2
1
1
2
4
8
1
1
1
-
12-36V
iDoor + PCIe x 16 + 2PCI
EIS-S232-01DS281
I3-10100E
-
-
2
1
1
2
4
8
1
1
1
-
12-36V
iDoor + PCIe x 16 + 2PCI
Packing List
Part Number
Description
-
EIS-S232 Unit
-
User Manual (Simplified Chinese)
-
China RoHS
-
Desk mounting kit
36WSWPE2I001A1
DeviceOn\iEdge (preloaded in Ubuntu image)
36WSWPDOBD0211
McAfee Application Control Lite/Acronis Backup 11.7
for Windows PC
Embedded OS
Part Number
Description
20706WX9HS0148
Windows 10 IoT Enterprise 2019 LTSC 64bit for Xeon &
Core i7
20706WX9VS0152
Windows 10 IoT Enterprise 2019 LTSC 64bit for Core i3
20706U20DM0000
Ubuntu Desktop 20.04 LTS 64bit with MicroK8S +
iEdgeServer for EIS-S232
EIS-S232 Default SKU Option Items
Optional Item for Default SKU
Part Number
Description
96PSA-A230W24P4-3
AC to DC adapter, DC 24V 230W, -20 ~ 60 °C
1702002600
Power cable 3-pin 183cm, USA type
1702002605
Power cable 3-pin 183cm, EU type
1702031801
Power cable 3-pin 183cm, UK type
1700000237
Power cable, 3-Pin 183cm, PSE type
Optional iDoor Module
Part Number
Description
MOS-1121Y-0202E
Isolated RS-422/485, 2-Ch, DB9, PCIe Interface
MOS-2120-Z1201
Dual Intel I210 GbE LAN iDoor, 2-Ch, PCIe Interface
MOS-2230-Z1201E
CANBus module, 2-Ch, USB Interface
Optional Display Module
Part Number
Description
AMO-D001E
DVI-D module
AMO-D002E
DP module
AMO-D003E
HDMI module
Optional TPM Module
Part Number
Description
AMO-I029
TPM 2.0 Infineon SLB9670V2.0 (for i3/i7 SKU)
Optional Expansion Kit for
add-on Cards
Part Number
Description
AMO-3509
ARK-3532D/EIS-S232 fan kit
Optional adapter for AMO-3509
Part Number
Description
XARK-DPS-150AB-15
ADP A/D 100-240V 150W 12V C14 LOCKABLE DC JACK
Support add-on card power consumption up to 120W for PCIe*16 slot
If add-on card power consumption over 30W , an external adapter (must need be 12V with LOCKABLE
DC JACK , and more than 120W) and AMO-3509 is required to use in ARK-3532D/EIS-S232 for power and
thermal solutions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com