Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA0ES Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 16Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 17Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 18Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 19Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 20Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 21Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 22Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 23Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Parameter
Symbol
Min
Typ
Max
Unit
Current Limiter-Inductor Peak Current Sense Voltage in CCM (Sense
Resistor 10 mΩ to 20 mΩ) in the reverse direction
VSW2
CSLIM
35
50
65
mV
PWM Switching Frequency Range (Programmable via OTP)
fsw
300
—
2400
kHz
Error Amplifier Transconductance (COMP = 0.9 V)
GM
1
1.5
2.3
mS
N-Channel MOSFET Gate Drivers
High/ Low Side Driver Pull-up Resistance at Vds = 0.5 V
OTP_SW2_HS_SR[3:2]/OTP_SW2_LS_SR[1:0] = 00
OTP_SW2_HS_SR[3:2]/OTP_SW2_LS_SR[1:0] = 01
OTP_SW2_HS_SR[3:2]/OTP_SW2_LS_SR[1:0] = 10
OTP_SW2_HS_SR[3:2]/OTP_SW2_LS_SR[1:0] = 11
RSW2PUP —
 
11
5.6
2.8
1.6
—
Ω
High/ Low Side Driver Pull-Down Resistance at Vds = 0.5 V
OTP_SW2_HS_SR[1:0]/OTP_SW2_LS_SR[1:0] = 00
OTP_SW2_HS_SR[1:0]/OTP_SW2_LS_SR[1:0] = 01
OTP_SW2_HS_SR[1:0]/OTP_SW2_LS_SR[1:0] = 10
OTP_SW2_HS_SR[1:0]/OTP_SW2_LS_SR[1:0] = 11
RSW2PDN —
 
6.8
3.4
1.7
1
—
Ω
Discharge Resistance (at the output) during regulator disable
RSW2DIS —
500
—
Ω
EN2 pin rising threshold
EN2RTH
1.4
—
—
V
EN2 pin falling threshold
EN2FTH
—
—
0.95
V
SW2 monitor over voltage threshold (% of nominal)
—
5
—
15
%
SW2 monitor under voltage threshold (% of nominal)
—
–15
—
–5
%
SW2 monitoring hysteresis (measured at mid-point of resistor divider)
—
—
5
—
mV
SW2 monitoring debounce
—
—
40
—
µs
Table 18. SW2 electrical characteristics...continued
12.2 SW2 operation
SW2 is a peak current-mode controller plus driver with external current sense. The driver
is built to drive low Rds(on) N-channel high and low side MOSFETs for low cost and high
efficiency.
12.2.1 SW2 external component selection
Table 19 provides the recommended external components for the SW2 regulator.
Components
Switching frequency < 1 MHz
Switching frequency > 1 MHz
Inductor
4.7 µH
1.5 µH
Output Capacitor
3 x 22 µF to 5 x 22 µF X5R/X7R
3 x 22 µF to 5 x 22 µF X5R/X7R
Bootstrap Capacitor
0.1 µF
0.1 µF
Input Capacitor
2 x 10 µF X5R/X7R
1 x 10 µF X5R/X7R
Table 19. SW2 recommended external components
Choose VDS > 40 V for 12 V automotive applications. At high current (> 8 A), each
MOSFET should be selected in a single package to limit the heat exchange between
HS and LS. Dual MOSFETs in the same package are practical for low and mid current
(< 8 A). When operating at 450 kHz or lower, by choosing low Rds(on) MOSFETs in
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
20 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com