Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA0ES Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 29Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 30Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 31Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 32Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 33Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 34Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 35Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 36Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
15.2 EN1 and EN2
EN1 and EN2 pins are used to enable SW1 and SW2 respectively. In addition to the EN1
and EN2 pins, the bits SW1_EN and SW2_EN ultimately determine if SW1 or SW2 are
enabled. This allows enable and disable of SW1 and SW2 to be performed through their
respective ENx pin, or via the respective I2C bit SWx_EN.
SW1 regulator is disabled if (EN1 pin = LOW).
SW1 regulator is disabled if (EN1 pin = HIGH AND SW1_EN = 0).
SW1 regulator is enabled if (EN1 pin = HIGH AND SW1_EN = 1).
SW2 regulator is disabled if (EN2 pin = LOW).
SW2 regulator is disabled if (EN2 pin = HIGH AND SW2_EN = 0).
SW2 regulator is enabled if (EN2 pin = HIGH AND SW2_EN = 1).
SW1/2_EN are initialized to 1.
When OTP_SW1_PULLDN_B = 0, a pulldown resistor of 500 Ω is engaged on the output
if SW1 is disabled. Similarly, when OTP_SW2_PULLDN_B = 0, a pulldown resistor of
500 ohm is engaged on the output if SW2 is disabled. The output is disabled in high-Z if
OTP_SWx_PULLDN_B = 1.
15.2.1 Programming turn-off delay
When OTP_SW1_OFF_DELAY = 0, SW1 is turned off after EN1 goes low.
When OTP_SW2_OFF_DELAY = 0, SW2 is turned off after EN2 goes low.
When OTP_SW1_OFF_DELAY = 1, SW1 is turned off 32 ms after EN1 goes low.
When OTP_SW2_OFF_DELAY = 1, SW2 is turned off 32 ms after EN2 goes low.
The 32 ms setting is useful when other devices are to be powered down in the system
prior to turning off the pre-regulators.
15.3 PGOOD1 and PGOOD2
For the QM variation of FS5600, PGOOD1 is used to indicate the voltage regulation
status of SW1 and PGOOD2 is used to indicate the voltage regulation state of SW2.
PGOOD1 is asserted low when the OV or UV monitor for SW1 indicates a faulty voltage.
See Table 8 for OV/UV thresholds. PGOOD2 is asserted low when the OV or UV monitor
for SW2 indicates a faulty voltage. See Table 18 for OV/UV thresholds.
The delay from SW1/2 reaching regulation to PGOOD1/2 being released high is
programmable. See Section 15.4 for details.
PGOOD1 and PGOOD2 are open-drain outputs and need an external pullup resistor.
For the ASIL B, and Enhanced ASIL B variations, behavior of PGOOD1 and PGOOD2
can be programmed to indicate status of other safety functions. See Section 17.6 for
details.
15.4 GPIO1/2/3
Pins 4, 14 and 13 are available as GPO1, GPO2, and GPO3 respectively in the QM
variation. They can be sequenced as part of the device power up to control external
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
33 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com