Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA0ES Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 52Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 53Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 54Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 55Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 56Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 57Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 58Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 59Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
The mirror registers modified in this fashion take effect during power-up when
VDDOTP_GPIO < 1 V. Contact your NXP representative for commands needed to
access the mirror registers.
17.13.5 INIT_RUN
The INIT_RUN state is entered after the power-up state. Either or both SW1 and SW2
may be enabled to enter the INIT_RUN state. The state machine can remain in the
INIT_RUN state indefinitely. In this state, the state machine waits for conditions to
transition to the normal state if enabled to do so. Alternatively, the state machine may
proceed to power down to the Deep Fail-Safe state if conditions enabling this are met.
INIT_RUN state may also be entered from the normal state by setting the
GOTO_INIT_RUN and clearing the NOT_GOTO_INIT_RUN bits.
17.13.6 Normal state
In the normal state, the FS0B pin is de-asserted to indicate to the system that essential
parameters monitored by the FS5600 are in expected range. The normal state is
entered from the INIT_RUN state, provided conditions for this transition are met.
OTP_NORMAL_STATE_EN bit should be set to 1 to enable transition to the normal state.
OTP_ERRMON1_SAFE = 1 is an enabling condition for a valid ERRMON1 signal
to control transition to the normal state. OTP_ERRMON2_SAFE = 1 is an enabling
condition for a valid ERRMON2 signal to control transition to the normal state.
OTP_PGOOD1_SAFE = 1 is an enabling condition for a valid PGOOD1 output to control
transition to the normal state. OTP_PGOOD2_SAFE = 1 is an enabling condition for a
valid PGOOD2 output to control transition to the normal state.
See Section 17.13.10 for conditions to transition to the normal state.
17.13.7 Deep fail-safe state
In the deep fail-safe state, the FS5600 is shut down. All the regulators are turned off and
signal outputs are asserted low. The only way to exit deep fail-safe state is through a
power cycle on the VIN input, or if both EN1 and EN2 are pulled low in the application.
Deep fail-safe can be entered when the fault error counter reaches is maximum value, or
when a watchdog failure is programmed to go to deep fail-safe. OTP_DFS_EN must be
set to 1 to enable transition to the Deep Fail-Safe state. See Section 17.13.10 for detailed
conditions.
17.13.8 Power-down
The FS56 enters a graceful power-down when both EN1 and EN2 are asserted low in the
application.
The power-down follows a reverse of the power-up sequence for the GPOs (each
following the OTP_GPOx_DELAY[2:0] setting) followed by SW1 and/or SW2.
If entering power-down from deep fail-safe, thermal shut-down, or power-up, the state
machine immediately enters shut-down mode after SW1, SW2, and GPIOs are asserted
low (no power-down sequence).
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
56 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com