Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTC60AM18SC Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTC60AM18SC
Description  Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTC60AM18SC Datasheet(HTML) 1 Page - Advanced Power Technology

  APTC60AM18SC Datasheet HTML 1Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 2Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 3Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 4Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 5Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 6Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APTC60AM18SC
APT website – http://www.advancedpower.com
1 – 7
OUT
VBUS
S1
G1
0/VBUS
G2
S2
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
600
V
Tc = 25°C
143
ID
Continuous Drain Current
Tc = 80°C
107
IDM
Pulsed Drain current
572
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
18
m
W
PD
Maximum Power Dissipation
Tc = 25°C
833
W
IAR
Avalanche current (repetitive and non repetitive)
20
A
EAR
Repetitive Avalanche Energy
1
EAS
Single Pulse Avalanche Energy
1800
mJ
VDSS = 600V
RDSon = 18m
W max @ Tj = 25°C
ID = 143A @ Tc = 25°C
Application
·
Motor control
·
Switched Mode Power Supplies
·
Uninterruptible Power Supplies
Features
·
-
Ultra low RDSon
-
Low Miller capacitance
-
Ultra low gate charge
-
Avalanche energy rated
·
Parallel SiC Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
·
Kelvin source for easy drive
·
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
·
High level of integration
Benefits
· Outstanding performance at high frequency operation
· Direct mounting to heatsink (isolated package)
· Low junction to case thermal resistance
· Low profile
Phase leg
Series & SiC parallel diodes
Super Junction
MOSFET Power Module


Similar Part No. - APTC60AM18SC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC60AM18SCG MICROSEMI-APTC60AM18SCG Datasheet
303Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Inchange Semiconductor ...
APTC60AM18SCG ISC-APTC60AM18SCG Datasheet
387Kb / 4P
SiC MOSFET Power Module
More results

Similar Description - APTC60AM18SC

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60AM35SCT ADPOW-APTC60AM35SCT Datasheet
317Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80A10SCT ADPOW-APTC80A10SCT Datasheet
312Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80A15SCT ADPOW-APTC80A15SCT Datasheet
317Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80AM75SC ADPOW-APTC80AM75SC Datasheet
306Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60AM18SCG MICROSEMI-APTC60AM18SCG Datasheet
303Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC60AM35SCTG MICROSEMI-APTC60AM35SCTG Datasheet
316Kb / 8P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80A10SCTG MICROSEMI-APTC80A10SCTG Datasheet
310Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80AM75SCG MICROSEMI-APTC80AM75SCG Datasheet
300Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC60AM24SCTG MICROSEMI-APTC60AM24SCTG Datasheet
240Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC90AM60SCTG MICROSEMI-APTC90AM60SCTG Datasheet
215Kb / 6P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com