Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTC60AM18SC Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTC60AM18SC
Description  Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTC60AM18SC Datasheet(HTML) 3 Page - Advanced Power Technology

  APTC60AM18SC Datasheet HTML 1Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 2Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 3Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 4Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 5Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 6Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
APTC60AM18SC
APT website – http://www.advancedpower.com
3 – 7
Parallel diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 125°C
80
A
Tj = 25°C
1.6
1.8
VF
Diode Forward Voltage
IF = 80A
Tj = 175°C
2.0
2.4
V
QC
Total Capacitive Charge
IF = 80A, VR = 300V
di/dt =2000A/µs
112
nC
f = 1MHz, VR = 200V
520
Q
Total Capacitance
f = 1MHz, VR = 400V
400
pF
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
Transistor
0.15
Series diode
0.46
RthJC
Junction to Case
Parallel diode
0.35
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
280
g
Package outline



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com