Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTC60AM18SC Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTC60AM18SC
Description  Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTC60AM18SC Datasheet(HTML) 2 Page - Advanced Power Technology

  APTC60AM18SC Datasheet HTML 1Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 2Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 3Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 4Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 5Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 6Page - Advanced Power Technology APTC60AM18SC Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APTC60AM18SC
APT website – http://www.advancedpower.com
2 – 7
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
BVDSS
Drain - Source Breakdown Voltage
VGS = 0V, ID = 1000µA
600
V
VGS = 0V,VDS = 600V
Tj = 25°C
100
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 600V
Tj = 125°C
1000
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 71.5A
18
m
W
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 4mA
2.1
3
3.9
V
IGSS
Gate – Source Leakage Current
VGS = ±20 V, VDS = 0V
±200
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
28
Coss
Output Capacitance
10.2
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
0.85
nF
Qg
Total gate Charge
1036
Qgs
Gate – Source Charge
116
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 300V
ID = 143A
444
nC
Td(on)
Turn-on Delay Time
21
Tr
Rise Time
30
Td(off)
Turn-off Delay Time
283
Tf
Fall Time
Inductive switching @ 125°C
VGS = 15V
VBus = 400V
ID = 143A
RG = 1.2
W
84
ns
Eon
Turn-on Switching Energy
1608
Eoff
Turn-off Switching Energy
u
Inductive switching @ 25°C
VGS = 15V, VBus = 400V
ID = 143A, RG = 1.2Ω
3920
µJ
Eon
Turn-on Switching Energy
2630
Eoff
Turn-off Switching Energy
u
Inductive switching @ 125°C
VGS = 15V, VBus = 400V
ID = 143A, RG = 1.2Ω
4824
µJ
u In accordance with JEDEC standard JESD24-1.
Series diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 85°C
120
A
IF = 120A
1.1
1.15
IF = 240A
1.4
VF
Diode Forward Voltage
IF = 120A
Tj = 125°C
0.9
V
Tj = 25°C
31
trr
Reverse Recovery Time
IF = 120A
VR = 133V
di/dt = 400A/µs
Tj = 125°C
60
ns
Tj = 25°C
120
Qrr
Reverse Recovery Charge
IF = 120A
VR = 133V
di/dt = 400A/µs
Tj = 125°C
500
nC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com