Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOSP6F Datasheet(PDF) 1 Page - Belden Inc.

Part # DOSP6F
Description  Category 6 OSP Cable, 4 Pair, F/UTP, Gel Free
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

DOSP6F Datasheet(HTML) 1 Page - Belden Inc.

  DOSP6F Datasheet HTML 1Page - Belden Inc. DOSP6F Datasheet HTML 2Page - Belden Inc. DOSP6F Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: DOSP6F
Category 6 OSP Cable, 4 Pair, F/UTP, Gel Free
Product Description
Category 6 Premise Horizontal Cable, OSP Rated, 4 Pair, 23 AWG Solid Bare Copper Conductors, F/UTP - Foil Shielded, Gel Free
Technical Specifications
Product Overview
Suitable
Applications:
OSP-Outside Plant, Premise Horizontal Cable, Ethernet 1000BASE-T, Ethernet 100BASE-TX, Ethernet 10BASE-T, Surveillance, PoE++, PoE+, PoE, Noisy Environments
Patent:
This product has one or more applicable patents. More information on patents can be found at https://www.belden.com/patents.
Construction Details
Conductor
Size Stranding
Material
Number of Pairs
23
Solid
BC - Bare Copper 4
Insulation
Material
Color Code
PO - Polyolefin White & Blue, White & Orange, White & Green, White & Brown
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
26 AWG (7x34) TC
Outer Jacket
Separator
Material
Nom. Diameter
Ripcord
Center Member (Patented T-Spline®), EquiBlock™ Barrier Technology PO - Polyolefin 0.29 in (7.4 mm) Yes
Overall Cable
Diameter
(Nominal):
0.29 in (7.4 mm)
Electrical Characteristics
Electricals
Max. Conductor DCR
Max. Capacitance Unbalance
82 Ohm/km (25 Ohm/1000ft) 45 pF/100m
Delay
Frequency
Max. Delay
Max. Delay Skew Nom. Velocity of Prop.
100 MHz
537.6 ns/100m 45 ns/100m
68%
High Frequency
Frequency
[MHz]
Max. Insertion
Loss
(Attenuation)
[dB/100m]
Min.
NEXT
[dB]
Min.
PSNEXT
[dB]
Min.
ACR
[dB]
Min.
PSACR
[dB]
Min. ACRF
(ELFEXT)
[dB]
Min. PSACRF
(PSELFEXT)
[dB]
Min. RL
(Return
Loss) [dB]
Max./Min.
Input
Impedance
(unFitted)
Max./Min.
Fitted
Impedance
Min.
PSANEXT
[dB]
Min.
PSAACRF
[dB]
Min.
TCL
[dB]
Min.
ELTCTL
[dB]
1
2.1
74.3
72.3
72.2
70.2
67.8
64.8
20.0
105 +/- 10
115 +/- 15
67.0
67.0
40.0
35.0
4
3.8
65.3
63.3
61.5
59.5
55.8
52.8
23.0
105 +/- 10
100 +/- 7
67.0
66.2
40.0
23.0
8
5.3
60.8
58.8
55.4
53.4
49.7
46.7
24.5
100 +/- 22
100 +/- 7
67.0
60.1
40.0
16.9


Similar Part No. - DOSP6F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
DOSP6AF BELDEN-DOSP6AF Datasheet
158Kb / 3P
Category 6A OSP Cable, 4 Pair, F/UTP, Gel Free
2022 Belden, Inc
DOSP6AF0101000 BELDEN-DOSP6AF0101000 Datasheet
158Kb / 3P
Category 6A OSP Cable, 4 Pair, F/UTP, Gel Free
2022 Belden, Inc
DOSP6AU BELDEN-DOSP6AU Datasheet
158Kb / 2P
Category 6A OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
DOSP6AU0101000 BELDEN-DOSP6AU0101000 Datasheet
158Kb / 2P
Category 6A OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
DOSP6U BELDEN-DOSP6U Datasheet
158Kb / 2P
Category 6 OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
More results

Similar Description - DOSP6F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7997A BELDEN-7997A Datasheet
164Kb / 2P
Category 5e OSP Cable, 4 Pair, U/UTP, Burial, Gel Filled
2022 Belden, Inc
DOSP6AF BELDEN-DOSP6AF Datasheet
158Kb / 3P
Category 6A OSP Cable, 4 Pair, F/UTP, Gel Free
2022 Belden, Inc
DOSP6AU BELDEN-DOSP6AU Datasheet
158Kb / 2P
Category 6A OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
DOSP6U BELDEN-DOSP6U Datasheet
158Kb / 2P
Category 6 OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
IOP6AF BELDEN-IOP6AF Datasheet
158Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
IOP6F BELDEN-IOP6F Datasheet
158Kb / 3P
Category 6 Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
M57622 BELDEN-M57622 Datasheet
235Kb / 2P
Mohawk Category 6 OSP Cable, 4 Pair, U/UTP, Gel-filled
2022 Belden, Inc
OSP6AF BELDEN-OSP6AF Datasheet
163Kb / 3P
Category 6A OSP Cable, 4 Pair, F/UTP, Gel Filled
2022 Belden, Inc
OSP6U BELDEN-OSP6U Datasheet
162Kb / 3P
Category 6 OSP Cable, 4 Pair, U/UTP, Gel Filled
2022 Belden, Inc
1352A BELDEN-1352A Datasheet
167Kb / 3P
Category 6 Cable, 4 Pair, F/UTP, CMP
01-20-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com