Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS512 Datasheet(PDF) 1 Page - Littelfuse

Part # FS512
Description  Flashers and Tower Lighting Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FS512 Datasheet(HTML) 1 Page - Littelfuse

  FS512 Datasheet HTML 1Page - Littelfuse FS512 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Flashers and Tower Lighting Controls
Flashers
www.littelfuse.com/fs500
Rev: 1-A-062316
Specifications
Wiring Diagram
FS500 SERIES
Description
The FS500 Series flash rate is adjustable from 10 to 100 FPM.
A locknut is provided to hold selected flash rate. The long-life
electronic circuit combined with a quality electromechanical
relay provides flexibility and reliability in most applications.
Operation
Upon application of input voltage, the output relay is energized
and the ON time begins. At the end of the ON time, the output
relay de-energizes and the OFF time begins. At the end of the
OFF time, the output is energized and the cycle repeats as long
as input voltage is applied.
Reset: Removing input voltage resets the output and
the sequence.
Features & Benefits
FEATURES
BENEFITS
Solid-state circuitry with
electromechanical relay
Long life circuitry at a reliable low cost
Industry standard octal
plug connection
Eliminates need for special connectors
Adjustable flash rate
Provides flexibility for user to select flash rate
between 10 - 100 FPM
10A, DPDT isolated
output contacts
Allows control of loads for AC or DC voltages
Accessories
BZ1 Front Panel Mount Kit
Provides an easy method of through-the-panel
mounting of 8- or 11-pin plug-in timers, flashers,
and other controls.
NDS-8 Octal 8-pin Socket
8-pin 35mm DIN rail or surface mount. Surface
mounted with two #6 screws or snaps onto a
35 mm DIN rail. Uses PSC8 hold-down clips.
PSC8 Hold-down Clips
Securely mounts plug-in controls in any position.
Provides protection against vibration. Use with
NDS-8 Octal Socket. Sold in pairs.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
L1
N/L2
V = Voltage
Ordering Information
MODEL
INPUT VOLTAGE
FS512
12VDC
FS524
24VAC/DC
FS590
120VAC/DC
If you don’t find the part you need, call us for a custom product 800-843-8848
*(some models)
*
8-PIN


Similar Part No. - FS512

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS511 FORTUNE-FS511 Datasheet
948Kb / 18P
18-bit ADC with 1 low noise OPAMP
FS511-GHB FORTUNE-FS511-GHB Datasheet
948Kb / 18P
18-bit ADC with 1 low noise OPAMP
FS511-PHB FORTUNE-FS511-PHB Datasheet
948Kb / 18P
18-bit ADC with 1 low noise OPAMP
FS511-PI FORTUNE-FS511-PI Datasheet
948Kb / 18P
18-bit ADC with 1 low noise OPAMP
More results

Similar Description - FS512

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PCR10 LITTELFUSE-PCR10 Datasheet
320Kb / 2P
Flashers and Tower Lighting Controls
Rev: 1-A-062316
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
PCR LITTELFUSE-PCR Datasheet
319Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS100 LITTELFUSE-FS100 Datasheet
414Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS200 LITTELFUSE-FS200 Datasheet
410Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS300 LITTELFUSE-FS300 Datasheet
364Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS491 LITTELFUSE-FS491 Datasheet
283Kb / 1P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062016
FSU1000 LITTELFUSE-FSU1000 Datasheet
259Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FA155 LITTELFUSE-FA155 Datasheet
365Kb / 2P
Tower and Obstruction Lighting Controls
Rev: 1-A-062316
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com