Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRP-RMM-UNO2484 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ESRP-RMM-UNO2484
Description  Regular-Size Modular Box Platform (MBP) with Intel® Core™ i5-7300U Processor, 4 x GbE, 1 x mPCIe, 1 x HDMI, and 1 x DP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ESRP-RMM-UNO2484 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ESRP-RMM-UNO2484 Datasheet HTML 1Page - Advantech Co., Ltd. ESRP-RMM-UNO2484 Datasheet HTML 2Page - Advantech Co., Ltd. ESRP-RMM-UNO2484 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Installation Scenario
Front I/O View
Rear I/O Veiw
ƒ
PCM-24R2GL-AE
2-port Gigabit Ethernet module with mPCIe, RJ45
ƒ
PCM-24D2R2-BE
2-port isolated RS-232 module with mPCIe, DB9
ƒ
PCM-24D4R4-BE
4-port non-isolated RS-422/485 module with mPCIe,
DB37
ƒ
PCM-24R1TP-AE
1-port Gigabit Ethernet module with Intel® 82574L,
mPCIe, RJ45
ƒ
PCM-27D24DI-AE
24-channel isolated digital I/O with counter, mPCIe,
DB37
Contact Advantech for a complete list of all compatible iDoor modules.
Optional Accessories
ƒ
96PSA-A150W24T2
Power adapter 150W
ƒ
96PSA-A120W24T2
Power adapter 120W
ƒ
1702002600
Power cable, US plug, 1.8 M (industrial grade)
ƒ
1702002605
Power cable, EU plug, 1.8 M (industrial grade)
ƒ
1702031801
Power cable, UK plug, 1.8 M (industrial grade)
ƒ
1700000596
Power cable, China/Australia plug, 1.8 M (industrial
grade)
ƒ
UNO-2000G-VMKAE
UNO-2000 VESA mount kit
ƒ
UNO-2000G-DMKAE
UNO-2484G DIN-rail kit
ƒ
UNO-2000-LKAE
Cable locking kit, 10 units/per pack
ESRP-RMM-UNO2484 single-stack model
ESRP-RMM-UNO2484 double-stack model
Power connector
USB 3.0
Chassis grounding
Reserved antenna
Reserved antenna
DIN-Rail Mount Illustration
VESA Mount Illustration
LAN
COM
Power button
Line out
Display Port
HDMI
224
212
200
224
212
200
Ordering Information
ƒ
ESRP-RMM-UNO2484 UNO-2484G, 8G Memory, 120G SSD, Win10,
DeviceOn
iDoor Modules
ƒ
PCM-24S2WF-BE
802.11 a/b/g/n 2T2R with Bluetooth 4.0, half-size
mPCIe, 2-port SMA
ƒ
PCM-24S23G-AE
6-band HSPA cellular module with GPS, SIM holder,
2 x SMA
ESRP-RMM-UNO2484



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com