Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRP-RMM-UNO2484 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ESRP-RMM-UNO2484
Description  Regular-Size Modular Box Platform (MBP) with Intel® Core™ i5-7300U Processor, 4 x GbE, 1 x mPCIe, 1 x HDMI, and 1 x DP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ESRP-RMM-UNO2484 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ESRP-RMM-UNO2484 Datasheet HTML 1Page - Advantech Co., Ltd. ESRP-RMM-UNO2484 Datasheet HTML 2Page - Advantech Co., Ltd. ESRP-RMM-UNO2484 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Industrial IoT Gateways
Features
ESRP-RMM-UNO2484
Regular-Size Modular Box Platform (MBP)
with Intel® Core™ i5-7300U Processor,
4 x GbE, 1 x mPCIe, 1 x HDMI, and 1 x DP
ƒ
Storage
1 x Built-in 120GB mSATA SSD (Shared with mPCIe slot)
2 x 2.5" SATA SSD/HDD drive bays (with RAID 0/1
support)
ƒ
Expansion
1 x full-size mPCIe slot for the single-stack model
(supports only wireless iDoor technology)
4 x full-size mPCIe slots for the double-stack model
(1 x slot for wireless iDoor technology, 3 x slots for iDoor
modules)
I/O Interfaces
ƒ
Serial Ports
4 x RS 232/422/485
ƒ
LAN Ports
4 x RJ45, 10/100/1000 Mbps IEEE 802.3u 1000BASE-T
fast Ethernet
ƒ
USB Ports
4 x USB3.0
ƒ
Displays
1 x HDMI, 1 x DP
HDMI 1.4 (4096 x 2304 @24 Hz)
HDMI 1.4 (1920 x 1080 @60 Hz)
DP 1.2 (4096 x 2304 @60 Hz)
DP 1.2 (1920 x 1080 @60 Hz)
ƒ
Audio
Line-out
ƒ
Power Connector
1 x 2-pin terminal block
Environment
ƒ
Operating Temperature -20 ~ 60 °C (-4 ~ 140 °F) @ 5 ~ 85% RH with 0.7 m/s
airflow
ƒ
Storage Temperature
-40 ~ 85 °C (-40 ~ 185 °F)
ƒ
Relative Humidity
10 ~ 95% RH @ 40 °C/104 °F, non-condensing
ƒ
Shock Protection
Operating, IEC 60068-2-27, 50G, half sine, 11 ms
ƒ
Vibration Protection
Operating, IEC 60068-2-64, 3 Grms, random,
5 ~ 500 Hz, 1hr/axis (mSATA)
ƒ
Ingress Protection
IP40
ƒ Extends cloud intelligence and analytics to edge devices
ƒ Enhanced cyber security with an embedded TPM 2.0 security chip
ƒ Multiple mPCIe expansion slots for easy expansion
ƒ Stackable second layer for up to 4 x iDoor expansion modules
ƒ WISE-PaaS/EdgeLink with support for 200+ PLC devices
ƒ Supports WISE-PaaS/DeviceOn and WISE-Marketplace
Specifications
General
ƒ
Certification
CE, FCC, UL, CCC, BSMI
ƒ
Dimensions (W x D x H) 200 x 140 x 40 mm (7.8 x 5.6 x 1.6 in) for the
single-stack model
200 x 140 x 70 mm (7.8 x 5.6 x 2.8 in) for the
double-stack model
ƒ
Form Factor
Regular size with stackable design
ƒ
Enclosure
Aluminum housing
ƒ
Mount Options
Stand, wall, VESA (optional), DIN rail (optional)
ƒ
Weight (Net)
Single stack: 1.4 kg (3.09 lb)
Double stack: 1.8 kg (3.97 lb)
ƒ
Power Requirement
10 ~ 36 VDC
ƒ
Power Consumption
55W (typical), 95.2W max.
ƒ
OS Support
Windows 10 IoT Enterprise LTSC
System Hardware
ƒ
BIOS
AMI EFI 64 Mbit
ƒ
Watchdog Timer
Programmable timer with 255 interval levels, from 1 to 255
seconds
ƒ
Hardware Security
TPM2.0
ƒ
Processor
7th gen Intel® Core™ i5-7300U, 2.6 GHz
ƒ
Memory
Built-in 8 GB DDR4 2133 MHz (supports up to 16 GB)
ƒ
Graphics Engine
Intel® HD Graphics 620
ƒ
Ethernet
LAN A: Intel i219-IT GbE, 802.1Qav, IEEE1588/802.1AS,
802
LAN B-D: Intel i210-IT GbE, 802.1Qav, IEEE1588/802.1AS,
802
ƒ
LED Indicators
LEDs for Power, HDD, LAN (Active, Status), RTC battery
low
Introduction
The ESRP-RMM-UNO2484 edge intelligence computer is built to extend cloud intelligence and analytics to edge devices. ESRP-RMM-UNO2484 enables stream analytics, machine
learning, image recognition, and high-value AI modules to be deployed from the Azure cloud to the edge in order to support diverse applications. All data are collected and delivered
to the cloud by WISE-Edgelink and secured by key encryption technology provided by the embedded security chip. With WISE-DeviceOn software, users are able to access manage
the system remotely and deploy WISE-Marketplace I.App products.
WISE-DeviceOn Function Highlights
NEW
RoHS
COMPLIANT
2002/95/EC
Device Management
ƒ Remote Monitoring & Control
ƒ Device Onboarding & Registration
Edge Intelligence
ƒ Real-Time Data Processing
ƒ Data Analysis & Filtering
Connectivity Service
ƒ Industrial Protocol Connectivity
ƒ Plug-n-Play Peripherals
Cloud Integration
ƒ Pre-Configured with Azure, Ali, AWS
ƒ Data Intelligence & AI Enabling
System Security
ƒ McAfee Application Control
ƒ Acronis Backup Recovery
WISE-Marketplace Integration
ƒ Over 200+ I.App Offerings
ƒ Easy to Purchase and Deploy
All product specifications are subject to change without notice.
Last updated: 15-Jul-2020


Similar Part No. - ESRP-RMM-UNO2484

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ESRP-RMM-UNO247 ADVANTECH-ESRP-RMM-UNO247 Datasheet
579Kb / 2P
IoT Edge Computer with Intel® Celeron® J3455 Processor, 2 x LAN, 6 x COM, 4 x USB, 1 x HDMI, and 1 x VGA
15-Jul-2020
More results

Similar Description - ESRP-RMM-UNO2484

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-2362G ADVANTECH-UNO-2362G_15 Datasheet
689Kb / 2P
AMD짰 Dual Core T40E Small-Size Automation Computer w/ 1 x GbE, 1 x mPCIe, HDMI/DP
logo
AAEON Technology
IMBA-H110A AAEON-IMBA-H110A Datasheet
491Kb / 2P
Two Independent Display: HDMI x 1, DP x 1, VGA x 1
logo
Advantech Co., Ltd.
ESRP-RMM-UNO247 ADVANTECH-ESRP-RMM-UNO247 Datasheet
579Kb / 2P
IoT Edge Computer with Intel® Celeron® J3455 Processor, 2 x LAN, 6 x COM, 4 x USB, 1 x HDMI, and 1 x VGA
15-Jul-2020
UNO-238 ADVANTECH-UNO-238 Datasheet
660Kb / 3P
Compact IoT Edge Computer with Intel® Core™ i Processor, 2 x GbE, 4 x USB 3.2, 2 x RS-232/422/485, 1 x HDMI, 1 x DP, 1 x GPIO
5-Aug-2021
UNO-2271G-V2 ADVANTECH-UNO-2271G-V2 Datasheet
791Kb / 4P
Edge IoT Gateway with 2 x GbE, 2 x USB 3.2, 1 x mPCIe, 1 x HDMI, and 32 GB eMMC
5-Jul-2022
UNO-2271G ADVANTECH-UNO-2271G Datasheet
860Kb / 3P
Intel® Atom™ Pocket-Size Smart Factory Edge Gateway with 2 x GbE, 1 x mPCIe, HDMI, eMMC
9-Sep-2020
UNO-2272G ADVANTECH-UNO-2272G Datasheet
737Kb / 2P
Intel® Atom™/Celeron® Palm-Size Automation Computer with 1 x GbE, 2 x mPCIe, VGA/HDMI
6-Jan-2021
UNO-2484G ADVANTECH-UNO-2484G Datasheet
679Kb / 2P
Intel® Core™ i7 Regular-Size Modular Box Platform with 4 x GbE, 5 x HDMI, 1 x DP
7-Jan-2021
UNO-2372G-V2 ADVANTECH-UNO-2372G-V2 Datasheet
918Kb / 4P
Compact Modular Box PC with Intel® Celeron® Processor, 2 x GbE, 4 x USB, 4 x COM, 2 x M.2, 1 x mPCIe, 1 x HDMI 1.4, 1 x DP 1.4
2-Dec-2022
UNO-2484G-V2 ADVANTECH-UNO-2484G-V2 Datasheet
984Kb / 4P
Intel® Core™ 11th i7/i5/i3/Celeron® Processor Modular Box PC with 4 x GbE, 4 x USB, 2 x M.2, 2 x mPCIe, HDMI 1.4, DP1.4a
2-Dec-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com