Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRP-RMM-UNO2484 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # ESRP-RMM-UNO2484
Description  Regular-Size Modular Box Platform (MBP) with Intel® Core™ i5-7300U Processor, 4 x GbE, 1 x mPCIe, 1 x HDMI, and 1 x DP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ESRP-RMM-UNO2484 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  ESRP-RMM-UNO2484 Datasheet HTML 1Page - Advantech Co., Ltd. ESRP-RMM-UNO2484 Datasheet HTML 2Page - Advantech Co., Ltd. ESRP-RMM-UNO2484 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Industrial IoT Gateways
Expansion Modules
UNO-2484G-EKBE
Secondary expansion stack with support for
4 x iDoor modules (3 x mPCIe slots)
UNO-2484G-PCIEAE
Secondary expansion stack with support for
1 x PCIe x4 card
UNO-2484G-S2AE
Secondary expansion stack with support for
2 x swappable HDDs/SSDs
Specifications
General
Ports
4 x iDoor (3 x mPCIe only)
Dimensions
200 x 140 x 40 mm/7.8 x 5.6 x 1.6 in
Weight
400 g/0.08 lb
Environment
Operating Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
Ordering Information
Part Number
Description
UNO-2484G-EKBE
Secondary expansion stack with support for 4 x iDoor
Specifications
General
Ports
1 x PCIe x4 slot for half-size PCIe card (167 x 111 mm)
Dimensions
200 x 140 x 40 mm/7.8 x 5.6 x 1.6 in
Weight
400 g/0.08 lb
Power consumption
15W max.
Environment
Operating Temperature
0 ~ 50 °C/32 ~ 122 °F (depending on expansion card)
Ordering Information
Part Number
Description
UNO-2484G-PCIEAE
Secondary expansion stack with PCIe x4
Specifications
General
Ports
2 x external swappable HDD/SSD storage
Dimensions
200 x 140 x 40 mm/7.8 x 5.6 x 1.6 in
Weight
400 g/0.08 lb
Environment
Operating Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
Ordering Information
Part Number
Description
UNO-2484G-S2AE
Secondary expansion stack with support for 2 x external
swappable HDDs/SSDs
Front view
Side view



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com