Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINISTACK Datasheet(PDF) 3 Page - 3M Electronics

Part # MINISTACK
Description  Miniature IDC Connector for Sensor Wire Connection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

MINISTACK Datasheet(HTML) 3 Page - 3M Electronics

  MINISTACK Datasheet HTML 1Page - 3M Electronics MINISTACK Datasheet HTML 2Page - 3M Electronics MINISTACK Datasheet HTML 3Page - 3M Electronics MINISTACK Datasheet HTML 4Page - 3M Electronics MINISTACK Datasheet HTML 5Page - 3M Electronics MINISTACK Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
13.0
6.0 3.0
0.9
(16.7)
3.0
4.0
16.0
0.9
(19.7)
3.0
4.0
6.0
9.0
3.0
• Provides excellent wire connections in a compact form
• No pre-treatment of wire needed with IDC technology
• Terminates 3 or 4 wires in single action
• Integrated terminals and housing make handling easy
• Wide range of wire compatibility (AWG#22-30) with highly reliable
double IDC termination
• Handling stacked connectors as a block offers easy mating and
unmating
3M™ Mini Stack Connector
Wiremount Socket
3S50x-Sx30-x00 PN
Material & Plating
Item
Material
Remarks
Housing
PBT resin
UL94V-0
Contact
Copper alloy
Wiping area: Gold plating over nickel plating
IDC: Nickel plating
Wire Accommodation
See product table
Ratings
Item
Rating
Voltage
AC/DC 32V Max.
Current
2.0A MAX. (AWG22-26)
1.5A MAX. (AWG27-28)
1.0A MAX. (AWG29-30)
Temperature
-20 to 85 degree C
Positions
Wire Accommodation
Body
Color
Product Number
AWG No.
Nominal conductor
cross-sectional area
mm2 (mil2)
Wire OD
mm (mil)
3
24-22
0.2 - 0.3 (310 – 465)
0.6 to 1.5
(23.6 to 59.1)
Black
3S503-S330-B00 PN
30-25
0.05 - 0.19 (78 – 295)
Gray
3S503-S530-G00 PN
4
24-22
0.2 - 0.3 (310 – 465 )
0.6 to 1.5
(23.6 to 59.1)
Black
3S504-S330-B00 PN
30-25
0.05 - 0.19 (78 -295)
Gray
3S504-S530-G00 PN
Product Table
Product Outline
Dimensions
Housing
Dimensions in mm
Contact
Insert into housing after
wire termination
Posts for Stacking
Double-IDC
Insulation Crimp
Holes for
Stacking posts
3S503-Sx30-x00 PN
3S504-Sx30-x00 PN
Stacked Condition



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com