Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINISTACK Datasheet(PDF) 4 Page - 3M Electronics

Part # MINISTACK
Description  Miniature IDC Connector for Sensor Wire Connection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

MINISTACK Datasheet(HTML) 4 Page - 3M Electronics

  MINISTACK Datasheet HTML 1Page - 3M Electronics MINISTACK Datasheet HTML 2Page - 3M Electronics MINISTACK Datasheet HTML 3Page - 3M Electronics MINISTACK Datasheet HTML 4Page - 3M Electronics MINISTACK Datasheet HTML 5Page - 3M Electronics MINISTACK Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6.0
6.0
9.0
13.0
14.9
14.8
16.4
3.0
3.0
3.8
(14.9)
(3.1)
3.00±0.05
2-1.5±0.05DIA.
12-0.9±0.05DIA.
6.00±0.05
9.00±0.05
(3.1)
3.00±0.05
6.00±0.05
9.00±0.05
(14.9)
2-1.5±0.05DIA.
16-0.9±0.05DIA.
6.0
6.0
9.0
9.0
14.9
16.0
17.8
19.4
3.0
3.0
3.8
• Saves 30% more board space in comparison with 3M™ Mini-Clamp
connectors
• Mates with 4 stacked connectors in one action
• Wiremount connector can be unplugged by gripping the center latch
• Fixed tabs prevent lifting and secure fixation of the board during
soldering
3M™ Mini Stack Connector
Boardmount Header
3S6xx-62Sx-B00 PP
Material & Plating
Item
Material
Remarks
Body
PBT resin
UL94V-0
Header pin
Copper alloy
Wiping area: Gold plating over nickel plating
Solder tails: Tin plating over nickel plating
Fixture pin
Copper alloy
Tin plating over nickel plating
PCB Accommodation
Thickness: 1.0 to 1.6mm (39 to 63mil), see recommended hole pattern
Ratings
Item
Rating
Voltage
AC/DC 32V Max.
Current
2.0A MAX.
Temperature
-20 to 85 degree C
Product Outline and Dimensions
Recommended Hole Pattern
Dimensions in mm
Dimensions in mm
Header Pin
Header Pin
Body
Body
Fixture Pin
Fixture Pin
3S612-62S3-B00 PP
3S612-62S3-B00 PP
3S616-62S4-B00 PP
3S616-62S4-B00 PP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com