Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINISTACK Datasheet(PDF) 2 Page - 3M Electronics

Part # MINISTACK
Description  Miniature IDC Connector for Sensor Wire Connection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

MINISTACK Datasheet(HTML) 2 Page - 3M Electronics

  MINISTACK Datasheet HTML 1Page - 3M Electronics MINISTACK Datasheet HTML 2Page - 3M Electronics MINISTACK Datasheet HTML 3Page - 3M Electronics MINISTACK Datasheet HTML 4Page - 3M Electronics MINISTACK Datasheet HTML 5Page - 3M Electronics MINISTACK Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ Mini Stack Connector
Space-saving: Saves 30% more board space in
comparison with 3M™ Mini-Clamp Connectors
Time-saving: Reduces wiring time by approx. 60% compared to
crimping connectors
Compact with simple termination
Compact with easy mating/unmating
* Compared to similar sized crimped connector with 3 pins (based on 3M evaluation)
Contact & housing are integrated,
making handling easy
Work Steps
Work Time
Stack 4 connectors into a single
block
Block style simplifies mating
Reliability with
double-IDC termination
Easily mated even in hard-to-reach or see spaces
Ability to easily unplug
Insert terminals into housing
• No need to strip wires
• Connect wires simultaneously
1
2
3
4
Easy termination, Easy handling
Enables board space savings & optimized networking
• As manufacturing equipment becomes increasingly automated, more electronic
components, such as sensors, need to be integrated onto the control boards. This
is driving a need for higher density connector options.
• The 3M™ Mini Stack Connector provides a reliable connection with a simple
termination process while reducing the required board footprint.
Crimp Connector 3pins
• Strip wire
x3
• Set terminal in tool
x3
• Set wire and crimp terminal
x3
• Insert terminated wire into
housing
x3
Total 12 steps
3M™ Mini Stack Connector 3pins
• Set connector into tool
x1
• Set wires into tool and crimp
terminals simultaneously
x1
• Insert terminated wires into
housing simultaneously
x1
Total 3 steps
(Sec.)
3M™ Mini Stack
Connectors
Crimp Connector
70sec.
25sec.
80
70
60
50
40
30
20
10
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com