Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDL Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SPDL
Description  Ultra Compact SMD Common Mode Chokes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SPDL Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SPDL Datasheet HTML 1Page - Bel Fuse Inc. SPDL Datasheet HTML 2Page - Bel Fuse Inc. SPDL Datasheet HTML 3Page - Bel Fuse Inc. SPDL Datasheet HTML 4Page - Bel Fuse Inc. SPDL Datasheet HTML 5Page - Bel Fuse Inc. SPDL Datasheet HTML 6Page - Bel Fuse Inc. SPDL Datasheet HTML 7Page - Bel Fuse Inc. SPDL Datasheet HTML 8Page - Bel Fuse Inc. SPDL Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2022 Signal Transformer
Specifications subject to change without notice
SPDL Series II Aug-17-2022
SPDL Series II Datasheet
RoHS
Compliant
PRODUCT IDENTIFICATION
SP DL 764WM - 500 - 2P - T
(1) (2)
(3)
(4)
(5) (6)
(1) Type: Surface Mount Devices
(2) Style: Wire Wound Type Common Mode Filter
(3) Dimensions: L = 7 mm, W = 6 mm, H = 4 mm
CODE
LENGTH
WIDTH
HEIGHT
764
7.5 ± 0.6
6.0 ± 0.5
4.0 max
975
9.5 ± 0.6
7.0 ± 0.5
5.0 max
121006
12.5 ± 0.6
10.8 ± 0.5
6.6 max
151306
15.5 ± 0.6
13.0 ± 0.5
6.6 max
(4) Impedance: 500 for 500 Ω
(5) 2P: 2 Lines
(6) Temperature product code: T = temp. -40 ~ 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com