Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDL Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SPDL
Description  Ultra Compact SMD Common Mode Chokes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SPDL Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SPDL Datasheet HTML 1Page - Bel Fuse Inc. SPDL Datasheet HTML 2Page - Bel Fuse Inc. SPDL Datasheet HTML 3Page - Bel Fuse Inc. SPDL Datasheet HTML 4Page - Bel Fuse Inc. SPDL Datasheet HTML 5Page - Bel Fuse Inc. SPDL Datasheet HTML 6Page - Bel Fuse Inc. SPDL Datasheet HTML 7Page - Bel Fuse Inc. SPDL Datasheet HTML 8Page - Bel Fuse Inc. SPDL Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
belfuse.com/signal
SPDL Series II
Ultra Compact
SMD Common Mode Chokes
The SPDL764WM, SPDL975WM, SPDL121006 and SPDL151306
product family is an expansion of Signal’s SPDL Series of compact
SMD common mode chokes for suppression of common mode
noise as required in electronic devices filtering power line signals. It
is applicable to high density devices in the customer, industrial and
interface markets.
In many of today’s electronic designs, smaller size and weight
reduction is always of interest. This is evident in many applications
such as computers, peripherals and personal charging devices
which employ surface mount technology. Performance is still
essential with higher current capability.
In conjunction with the latest winding technology and ferrite cores,
Signal’s SPDL Series II designs address these applications to
achieve the most effective noise suppression, offering high common
mode impedance in the noise band with the highest possible
current ratings in most models.
General Features
•
Compact SMD topology
•
Excellent common mode EMI noise suppression
•
Virtually no distortion of high-speed signals
•
Excellent thermal characteristics over temperature
Specifications
•
Number of Lines: Two
•
Impedance range: 40 to 2500 ohms at 100 MHz
•
Current Rating Range: 0.9 A to 15 A
•
Operating Temperature Range: -40 °C to +125 °C
•
Storage Temperature Component: 0 °C to +85 °C
Applications
•
Electromagnetic interference (EMI)
•
Demanding adapter lines & battery lines
•
Larger electronic equipment
•
Personal Computers, Peripherals, IoT
RoHS
Compliant


Similar Part No. - SPDL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SPDL BEL-SPDL Datasheet
2Mb / 13P
Ultra Compact SMD Common Mode Chokes
03.21
SPDL121006-500-2P-T BEL-SPDL121006-500-2P-T Datasheet
2Mb / 13P
Ultra Compact SMD Common Mode Chokes
03.21
SPDL121006-750-2P-T BEL-SPDL121006-750-2P-T Datasheet
2Mb / 13P
Ultra Compact SMD Common Mode Chokes
03.21
SPDL151306-500-2P-T BEL-SPDL151306-500-2P-T Datasheet
2Mb / 13P
Ultra Compact SMD Common Mode Chokes
03.21
SPDL2012 BEL-SPDL2012 Datasheet
2Mb / 13P
Ultra Compact SMD Common Mode Chokes
03.21
More results

Similar Description - SPDL

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
CCJ-2-260 TALEMA-CCJ-2-260 Datasheet
28Kb / 1P
Compact SMD Common Mode Chokes
CFJ-3-470B TALEMA-CFJ-3-470B Datasheet
25Kb / 1P
Compact SMD Common Mode Chokes
CLJ-2-060S TALEMA-CLJ-2-060S Datasheet
136Kb / 2P
Miniature SMD Common Mode Double Chokes
CMJ-2-060S TALEMA-CMJ-2-060S Datasheet
138Kb / 2P
Miniature SMD Common Mode Double Chokes
CMJ-2-110 TALEMA-CMJ-2-110 Datasheet
29Kb / 1P
SMD Miniature Common Mode Chokes
CTJ-2-110SE TALEMA-CTJ-2-110SE Datasheet
134Kb / 2P
Miniature SMD Common Mode Double Chokes
logo
FERYSTER Inductive Comp...
CMS4-11-3-4.8-4S2 FERYSTER-CMS4-11-3-4.8-4S2 Datasheet
76Kb / 9P
SMD common mode chokes
logo
Central Technologies
CTACM CT-CTACM Datasheet
346Kb / 1P
SMD Common Mode Chokes
logo
Bel Fuse Inc.
SPDL BEL-SPDL Datasheet
2Mb / 13P
Ultra Compact SMD Common Mode Chokes
03.21
SPDL485025 BEL-SPDL485025 Datasheet
1Mb / 6P
Ultra Compact SMD Common Mode Chokes
August 10 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com