Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDL Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # SPDL
Description  Ultra Compact SMD Common Mode Chokes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SPDL Datasheet(HTML) 4 Page - Bel Fuse Inc.

  SPDL Datasheet HTML 1Page - Bel Fuse Inc. SPDL Datasheet HTML 2Page - Bel Fuse Inc. SPDL Datasheet HTML 3Page - Bel Fuse Inc. SPDL Datasheet HTML 4Page - Bel Fuse Inc. SPDL Datasheet HTML 5Page - Bel Fuse Inc. SPDL Datasheet HTML 6Page - Bel Fuse Inc. SPDL Datasheet HTML 7Page - Bel Fuse Inc. SPDL Datasheet HTML 8Page - Bel Fuse Inc. SPDL Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2022 Signal Transformer
Specifications subject to change without notice
SPDL Series II Aug-17-2022
SPDL Series II Datasheet
RoHS
Compliant
ELECTRICAL SPECIFICATIONS
Electrical specifications for all part numbers measured at 25°C unless otherwise stated.
Electrical specifications for all part numbers measured at 25°C unless otherwise stated.
SPDL764WM Series
SPDL764WM Series
Part Number
Impedance
@ 100 MHz
(Ω)
DCR
(Ω) Max.
Rated Voltage
(Vdc) Max.
Insulation
Resistance
(MΩ) Min.
Rated Current
(A) Max.
SPDL764WM-40-2P-T
40
5
50
10
15.0
SPDL764WM-100-2P-T
100
10
50
10
9.0
SPDL764WM-225-2P-T
225
10
50
10
5.0
SPDL764WM-400-2P-T
400
10
50
10
5.0
SPDL764WM-500-2P-T
500
15
50
10
4.0
SPDL764WM-800-2P-T
800
17
50
10
3.0
SPDL764WM-910-2P-T
910
21
50
10
2.5
SPDL764WM-1700-2P-T
1700
50
50
10
1.2
SPDL764WM-2000-2P-T
2000
63
50
10
1.0
SPDL764WM-2500-2P-T
2500
75
50
10
0.9
TYPICAL PERFORMANCE CURVES
SPDL764WM-40-2P-T
SPDL764WM-100-2P-T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com