Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF150 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # VRF150
Description  N-CHANNEL RF POWER VERTICAL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

VRF150 Datasheet(HTML) 2 Page - Advanced Power Technology

  VRF150 Datasheet HTML 1Page - Advanced Power Technology VRF150 Datasheet HTML 2Page - Advanced Power Technology VRF150 Datasheet HTML 3Page - Advanced Power Technology VRF150 Datasheet HTML 4Page - Advanced Power Technology VRF150 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VRF150.PDF 03-23-04
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
VRF150
PRELIMINARY INFORMATION
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Off Characteristics:
V(BR)DSS
VGS = 0V
IDS = 100mA
125
---
---
V
IDSS
VGS = 0V
VDS = 50V
---
---
5.0
mA
IGSS
VGS = 20V
VDS = 0V
---
---
1.0
µµA
On Characteristics:
VGS(Q)
VDS = 10V
ID = 250mA
1.0
3.0
5.0
V
VDS(ON)
VGS = 10V
ID = 10A
1.0
2.0
5.0
V
GFS
VDS = 10V
ID = 250mA
5.0
---
---
mho
Dynamic Characteristics:
CISS
VGS = 0V
VDS = 50V
f = 1 MHz
---
480
---
pF
COSS
VGS = 0V
VDS = 50V
f = 1 MHz
---
230
---
pF
CRSS
VGS = 0V
VDS = 50V
f = 1 MHz
---
40
---
pF
FUNCTIONAL TESTS
FUNCTIONAL TESTS
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 150MHz
VDD = 50V IDQ = 250mA
150
---
W
GPS
f = 150MHz
VDD = 50V POUT = 150WPEP IDQ = 250mA
---
10
---
dB
GPS
f = 30MHz
VDD = 50V POUT = 150WPEP IDQ = 250mA
---
18
---
dB
ηη
D
f = 150MHz
VDD = 50V POUT = 150WPEP IDQ = 250mA
---
50
---
%
IMD(d3)
f1 = 30MHz
f2=30.001MHz
POUT = 150WPEP
VDD = 50V
IDQ = 250mA
---
-32
---
dBc
Load
Mismatch
f = 30MHz
VDD = 50V POUT = 150WPEP VDQ = 250mA
30:1 VSWR - All Phase Angles
No degradation in Output Power



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com