Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF150 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # VRF150
Description  N-CHANNEL RF POWER VERTICAL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

VRF150 Datasheet(HTML) 4 Page - Advanced Power Technology

  VRF150 Datasheet HTML 1Page - Advanced Power Technology VRF150 Datasheet HTML 2Page - Advanced Power Technology VRF150 Datasheet HTML 3Page - Advanced Power Technology VRF150 Datasheet HTML 4Page - Advanced Power Technology VRF150 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VRF150.PDF 03-23-04
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
VRF150
PRELIMINARY INFORMATION
Power Out vs. Power In
Power Out vs. Power In
Vdd = 50V, Idq = 250mA, Freq = 175 MHz
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
160.00
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
Pin (W)
Gain vs. Power Out
Gain vs. Power Out
Vdd = 50V, Idq = 250mA, Freq = 175 MHz
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
160.00
Pout (W)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com