Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF150 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # VRF150
Description  N-CHANNEL RF POWER VERTICAL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

VRF150 Datasheet(HTML) 1 Page - Advanced Power Technology

  VRF150 Datasheet HTML 1Page - Advanced Power Technology VRF150 Datasheet HTML 2Page - Advanced Power Technology VRF150 Datasheet HTML 3Page - Advanced Power Technology VRF150 Datasheet HTML 4Page - Advanced Power Technology VRF150 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VRF150.PDF 03-23-04
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
VRF150
PRELIMINARY INFORMATION
DESCRIPTION:
DESCRIPTION:
The VRF150 is a gold metallized silicon, n-channel RF power
transistor designed for broadband commercial and military
applications requiring high power and gain without compromising
reliability, ruggedness, and intermodulation distortion.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-Source Voltage
125
V
VDGO
Drain-Gate Voltage
125
V
VGS
Gate-Source Voltage
±40
V
ID
Drain Current
16
A
PDISS
Total Device Power Dissipation
300
W
TJ
Max Operating Junction Temperature
+200
°°C
TSTG
Storage Temperature
-65 to +150
°°C
Thermal Data
Thermal Data
Rè(J-C)
Thermal Resistance Junction-Case
0.6
°°C/W
Features
Features
• 150W WITH 10dB TYPICAL GAIN @ 150MHz, 50V
• 150W WITH 18dB MIN GAIN @ 30MHz, 50V
• EXCELLENT STABILITY & LOW IMD
• COMMON SOURCE CONFIGURATION
• 30:1 LOAD VSWR CAPABILITY AT SPECIFIED
OPERATING CONDITIONS
• NITRIDE PASSIVATED
• REFRACTORY GOLD METALLIZATION
BROADBAND HF/VHF VERTICAL D-MOS
ISM & MILITARY/COMMERCIAL COMMUNICATIONS APPLICATIONS
150W, 50V, 150MHz
N-CHANNEL RF POWER VERTICAL MOSFET
1. DRAIN
3. GATE
2. SOURCE
4. SOURCE


Similar Part No. - VRF150

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VRF150 MICROSEMI-VRF150 Datasheet
131Kb / 4P
RF POWER VERTICAL MOSFET
VRF150 MICROSEMI-VRF150 Datasheet
151Kb / 5P
RF POWER VERTICAL MOSFET
VRF150MP MICROSEMI-VRF150MP Datasheet
151Kb / 5P
RF POWER VERTICAL MOSFET
VRF150 MICROSEMI-VRF150_10 Datasheet
151Kb / 5P
RF POWER VERTICAL MOSFET
More results

Similar Description - VRF150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MACOM-MRF151G Datasheet
250Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Advanced Power Technolo...
VRF151 ADPOW-VRF151 Datasheet
210Kb / 5P
N-CHANNEL RF POWER VERTICAL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com