Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400DBBBA0 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 400DBBBA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400DBBBA0 Datasheet(HTML) 5 Page - ON Semiconductor

  400DBBBA0 Datasheet HTML 1Page - ON Semiconductor 400DBBBA0 Datasheet HTML 2Page - ON Semiconductor 400DBBBA0 Datasheet HTML 3Page - ON Semiconductor 400DBBBA0 Datasheet HTML 4Page - ON Semiconductor 400DBBBA0 Datasheet HTML 5Page - ON Semiconductor 400DBBBA0 Datasheet HTML 6Page - ON Semiconductor 400DBBBA0 Datasheet HTML 7Page - ON Semiconductor 400DBBBA0 Datasheet HTML 8Page - ON Semiconductor 400DBBBA0 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
NCP12400
www.onsemi.com
5
Table 4. MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DRV
(pin 5)
Maximum voltage on DRV pin
(Dc−Current self−limited if operated within the allowed range) (Note 2)
–0.3 to 20
±1000 (peak)
V
mA
VCC
(pin 6)
VCCPower Supply voltage, VCC pin, continuous voltage
Power Supply voltage, VCC pin, continuous voltage (Note 2)
–0.3 to 36
±30 (peak)
V
mA
HV
(pin 8)
Maximum voltage on HV pin
(Dc−Current self−limited if operated within the allowed range)
–0.3 to 750
±20
V
mA
Vmax
Maximum voltage on low power pins (except pin 5, pin 6 and pin 8)
(Dc−Current self−limited if operated within the allowed range) (Note 2)
–0.3 to 5.5
±10 (peak)
V
mA
RqJ−A
Thermal Resistance SOIC−7
Junction-to-Air, low conductivity PCB (Note 3)
Junction-to-Air, medium conductivity PCB (Note 4)
Junction-to-Air, high conductivity PCB (Note 5)
162
147
115
°C/W
RqJ−C
Thermal Resistance Junction−to−Case
73
°C/W
TJMAX
Operating Junction Temperature
−40 to +150
°C
TSTRGMAX Storage Temperature Range
−60 to +150
°C
ESD Capability, HBM model (All pins except HV) (Note 1)
> 4000
V
ESD Capability, HBM model (pin 8, HV)
> 2000
V
ESD Capability, Charge Discharge Model (Note 1)
> 500
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 4000 V per JEDEC standard JESD22, Method A114E
Charge Discharge Model Method 500 V per JEDEC standard JESD22, Method C101E
2. This device contains latch-up protection and exceeds 100 mA per JEDEC Standard JESD78.
3. As mounted on a 80 x 100 x 1.5 mm FR4 substrate with a single layer of 50 mm2 of 2 oz copper traces and heat spreading area. As specified
for a JEDEC 51-1 conductivity test PCB. Test conditions were under natural convection or zero air flow.
4. As mounted on a 80 x 100 x 1.5 mm FR4 substrate with a single layer of 100 mm2 of 2 oz copper traces and heat spreading area. As specified
for a JEDEC 51-2 conductivity test PCB. Test conditions were under natural convection or zero air flow.
5. As mounted on a 80 x 100 x 1.5 mm FR4 substrate with a single layer of 650 mm2 of 2 oz copper traces and heat spreading area. As specified
for a JEDEC 51-3 conductivity test PCB. Test conditions were under natural convection or zero air flow.
Table 5. ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 125 V, VCC = 11 V unless otherwise noted)
Characteristics
Test Condition
Symbol
Min
Typ
Max
Unit
HIGH VOLTAGE CURRENT SOURCE
Minimum voltage for current source
operation
VHV(min)
−
30
40
V
Current flowing out of VCC pin
VCC = 0 V
VCC = VCC(on) − 0.5 V
Istart1
Istart2
0.2
5
0.5
8
0.8
11
mA
Off−state leakage current
VHV = 750 V, VCC = 15 V
Istart(off)
−
2
6
mA
SUPPLY
Turn−on threshold level, VCC going up
HV current source stop threshold
(depending on the version)
VCC(on)
11.0
15.0
12.0
16.2
13.0
17.5
V
HV current source restart threshold
VCC(min)
9.5
10.5
11.5
V
Turn−off threshold
VCC(off)
8.4
8.9
9.3
V
Overvoltage threshold
Overvoltage threshold (option EAHBB,
BBBBB)
VCC(ovp)
25
30
26.5
32
28
34
V
Blanking duration on VCC(off) and VCC(ovp)
detection
tVCC(blank)
−
10
−
ms
6. Guaranteed by design.
7. CS pin source current is a sum of Ibias and IOPC, thus at VHV = 125 V is observed the Ibias only, because IOPC is switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com