Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400DBBBA0 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 400DBBBA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400DBBBA0 Datasheet(HTML) 2 Page - ON Semiconductor

  400DBBBA0 Datasheet HTML 1Page - ON Semiconductor 400DBBBA0 Datasheet HTML 2Page - ON Semiconductor 400DBBBA0 Datasheet HTML 3Page - ON Semiconductor 400DBBBA0 Datasheet HTML 4Page - ON Semiconductor 400DBBBA0 Datasheet HTML 5Page - ON Semiconductor 400DBBBA0 Datasheet HTML 6Page - ON Semiconductor 400DBBBA0 Datasheet HTML 7Page - ON Semiconductor 400DBBBA0 Datasheet HTML 8Page - ON Semiconductor 400DBBBA0 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
NCP12400
www.onsemi.com
2
TYPICAL APPLICATION SCHEMATIC
Figure 1. Flyback Converter Application using the NCP12400
Table 1. OPTIONS
Part
OPN
Brown Out
Start − Stop
OCP Fault
Frozen
Current
Setpoint
Quiet skip
Soft
Start
Frequency
OTP/OVP
NCP12400
NCP12400BAHAB0DR2G
103 − 100 V
Latched
300 mV
No, min. 3 pulses
only
4 ms
65 kHz
Latched
NCP12400BAHBB0DR2G
111 − 103 V
Latched
300 mV
Yes, min. 3 pulses,
800 Hz burst
4 ms
65 kHz
Latched
NCP12400BBBBB2DR2G
111 − 103 V
Autorecovery
150 mV
Yes, min. 3 pulses,
800 Hz burst
4 ms
65 → 100
kHz
Latched
NCP12400BBHAA1DR2G
111 − 103 V
Autorecovery
300 mV
No, min. 3 pulses
only
10 ms
100 kHz
Autorecovery
NCP12400CAHAB0DR2G
95 − 93 V
Latched
300 mV
No, min. 3 pulses
only
4 ms
65 kHz
Latched
NCP12400CBAAB0DR2G
95 − 93 V
Autorecovery
No
No, min. 3 pulses
only
4 ms
65 kHz
Latched
NCP12400CBBAB0DR2G
95 − 93 V
Autorecovery
150 mV
No, min. 3 pulses
only
4 ms
65 kHz
Latched
NCP12400CBHAA0DR2G
95 − 93 V
Autorecovery
300 mV
No, min. 3 pulses
only
10 ms
65 kHz
Autorecovery
NCP12400EAHBB0DR2G
Brown In, No
BO
Latched
300 mV
Yes, min. 3 pulses,
800 Hz burst
4 ms
65 kHz
Latched
NCP12400BBBBA0DR2G
111 − 103 V
Autorecovery
150 mV
Yes, min. 3 pulses,
800 Hz burst
10 ms
65 kHz
Latched
NCP12400BBHAB0DR2G
111 − 103 V
Autorecovery
300 mV
No, min. 3 pulses
only
4 ms
65 kHz
Latched
NCP12400BBEBA0DR2G
111 − 103 V
Autorecovery
210 mV
Yes, min. 3 pulses,
800 Hz burst
10 ms
65 kHz
Latched
NCP12400BBAAA0DR2G
111 − 103 V
Autorecovery
No
No
10 ms
65 kHz
Latched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com