Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400DBBBA0 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 400DBBBA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400DBBBA0 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 400DBBBA0 Datasheet HTML 2Page - ON Semiconductor 400DBBBA0 Datasheet HTML 3Page - ON Semiconductor 400DBBBA0 Datasheet HTML 4Page - ON Semiconductor 400DBBBA0 Datasheet HTML 5Page - ON Semiconductor 400DBBBA0 Datasheet HTML 6Page - ON Semiconductor 400DBBBA0 Datasheet HTML 7Page - ON Semiconductor 400DBBBA0 Datasheet HTML 8Page - ON Semiconductor 400DBBBA0 Datasheet HTML 9Page - ON Semiconductor 400DBBBA0 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
NCP12400
www.onsemi.com
6
Table 5. ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 125 V, VCC = 11 V unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Condition
SUPPLY
VCC decreasing level at which the internal
logic resets
VCC(reset)
4.8
7.0
7.7
V
VCC level for ISTART1 to ISTART2 transition
VCC(inhibit)
1.0
2.1
3.0
V
Internal current consumption
DRV open, VFB = 3 V, 65 kHz
DRV open, VFB = 3 V, 100 kHz
Cdrv = 1 nF, VFB = 3 V, 65 kHz
Cdrv = 1 nF, VFB = 3 V, 100 kHz
Skip or before start−up
Fault mode (fault or latch)
Off−mode
ICC1
ICC2
ICC3
ICC4
ICC5
1.0
1.1
1.5
2.0
400
300
−
1.3
1.4
2.1
2.6
500
430
25
2.0
2.1
2.9
3.4
650
550
−
mA
mA
mA
mA
mA
mA
mA
BROWN−OUT
Brown−out thresholds (option A)
VHV going up
VHV going down
VHV(start)
VHV(stop)
210
194
229
211
248
228
V
Brown−out thresholds (option B)
VHV going up
VHV going down
VHV(start)
VHV(stop)
102
94
111
103
120
116
V
Brown−out thresholds (option BAHAB)
VHV going up
VHV going down
VHV(start)
VHV(stop)
93
90
103
100
113
110
V
Brown−out thresholds (option C)
VHV going up
VHV going down
VHV(start)
VHV(stop)
87
85
95
93
103
101
V
Brown−out thresholds (option E)
VHV going up
VHV(start)
90
100
110
V
Timer duration for line cycle drop−out
(depending on the version)
tHV
42
48
64
73
86
98
ms
X2 DISCHARGE
Comparator hysteresis observed at HV pin
VHV(hyst)
2.0
3.0
4.0
V
HV signal sampling period
tsample
−
1.0
−
ms
Timer duration for no line detection
tDET
21
32
43
ms
Discharge timer duration
tDIS
21
32
43
ms
Shunt regulator voltage at VCC pin during X2
discharge event
VCC(dis)
10.0
11.0
12.0
V
OSCILLATOR
Oscillator frequency 65 kHz version
Oscillator frequency 100 kHz version
fOSC
61
94
65
100
69
110
kHz
Maximum duty−ratio (corresponding to
maximum on time at maximum switching
frequency)
DMAX
75
80
85
%
Frequency jittering amplitude, in percentage
of FOSC
Ajitter
±3.0
±4.0
±5.0
kHz
Frequency jittering modulation frequency
Fjitter
85
125
165
Hz
FREQUENCY FOLDBACK
Feedback voltage threshold below which
frequency foldback starts
TJ = 25°C
VFB(foldS)
2.4
2.5
2.6
V
Feedback voltage threshold below which
frequency foldback is complete
TJ = 25°C
VFB(foldE)
2.05
2.15
2.25
V
Minimum switching frequency
VFB = Vskip(in) + 0.1
fOSC(min)
25
28
31
kHz
6. Guaranteed by design.
7. CS pin source current is a sum of Ibias and IOPC, thus at VHV = 125 V is observed the Ibias only, because IOPC is switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com