Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK027 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RAMK027
Description  Rotational Absolute Magnetic Kit Encoder Version 27 mm HP Position Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK027 Datasheet(HTML) 1 Page - Vishay Siliconix

  RAMK027 Datasheet HTML 1Page - Vishay Siliconix RAMK027 Datasheet HTML 2Page - Vishay Siliconix RAMK027 Datasheet HTML 3Page - Vishay Siliconix RAMK027 Datasheet HTML 4Page - Vishay Siliconix RAMK027 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RAMK027
www.vishay.com
Vishay MCB
Revision: 20-Jul-2021
1
Document Number: 32583
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Rotational Absolute Magnetic Kit Encoder Version 27 mm
HP Position Sensor
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Hall effect principle
• High precision (HP), high resolution
• Especially dedicated to harsh conditions
(vibrations, shocks, CEM, ...)
• Not sensitive to external magnetic fields and temperature
• Not sensitive to moisture and pollution
• Plug and play
• Protected design, patent EP 2711663
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, magnetic technology
Output type
Wires
Market appliance
Industrial
Dimensions
Diameter 27.3 mm
333
DDD3 D
3D Models
ELECTRICAL SPECIFICATIONS
PARAMETER
Voltage supply
5 V ± 0.25 V
Current supply
 130 mA at 5 V
Output
SSI
Connection
Ultra-flex AWG32 wires (shielded cable and connector on request)
Useful electrical angle
360°
Absolute accuracy at 25 °C
± 0.03° > 13 bits
Absolute accuracy at -40 °C to +105 °C
± 0.05° ~ 13 bits
Resolution
 0.0028° (17 bits, 131 072 points) over 360°
Startup time
 20 ms
Refresh time
 110 μs
Latency time
100 μs
 latency time  200 μs
Sampling rate
10 kHz ± 5 %
MECHANICAL SPECIFICATIONS
PARAMETER
Mechanical angle
360°
Maximum speed rotation
50 rpm (up to 1000 rpm with decreasing of accuracy,
see “Maximum Speed vs. Accuracy” chart)
Weight
Rotor: 6.7 g ± 0.5 g; stator: 7 g ± 1 g
Coating
On the two sides of PCB


Similar Part No. - RAMK027

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RAMK027M11316UB VISHAY-RAMK027M11316UB Datasheet
122Kb / 5P
Rotational Absolute Magnetic Kit Encoder Displacement SensoR
29-Aug-17
RAMK027S VISHAY-RAMK027S Datasheet
122Kb / 5P
Rotational Absolute Magnetic Kit Encoder Displacement SensoR
29-Aug-17
RAMK027S VISHAY-RAMK027S Datasheet
119Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 27 mm Sector Displacement Sensor
28-Sep-2018
RAMK027S VISHAY-RAMK027S_V01 Datasheet
119Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 27 mm Sector Displacement Sensor
28-Sep-2018
More results

Similar Description - RAMK027

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RAMK033 VISHAY-RAMK033 Datasheet
180Kb / 7P
Rotational Absolute Magnetic Kit Encoder Version 33 LP and HP Displacement Sensor
15-Dec-17
RAMK040HP VISHAY-RAMK040HP Datasheet
159Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
06-Dec-17
RAMK090 VISHAY-RAMK090 Datasheet
110Kb / 4P
Rotational Absolute Magnetic Kit Encoder Version 90 mm Displacement Sensor
20-Nov-17
RAME012 VISHAY-RAME012 Datasheet
157Kb / 5P
Rotational Absolute Magnetic Encoder Version 12 mm HP Position Sensor
22-Jul-2021
RAME030 VISHAY-RAME030 Datasheet
182Kb / 7P
Rotational Absolute Magnetic Encoder Version 30 mm HP Position Sensor
06-Jul-2022
RAMK027S VISHAY-RAMK027S_V01 Datasheet
119Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 27 mm Sector Displacement Sensor
28-Sep-2018
RAMK033 VISHAY-RAMK033_V01 Datasheet
177Kb / 7P
Rotational Absolute Magnetic Kit Encoder Version 33 LP and HP Displacement Sensor
15-Dec-17
RAMK040HP VISHAY-RAMK040HP_V01 Datasheet
156Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
06-Dec-17
RAMK060 VISHAY-RAMK060 Datasheet
262Kb / 15P
Rotational Absolute Magnetic Kit Encoder Version 60 mm HP Position Sensor Version 2.1
03-May-2022
RAMK090 VISHAY-RAMK090_V01 Datasheet
132Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 90 mm Displacement Sensors
13-Aug-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com