Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK027 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RAMK027
Description  Rotational Absolute Magnetic Kit Encoder Version 27 mm HP Position Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK027 Datasheet(HTML) 2 Page - Vishay Siliconix

  RAMK027 Datasheet HTML 1Page - Vishay Siliconix RAMK027 Datasheet HTML 2Page - Vishay Siliconix RAMK027 Datasheet HTML 3Page - Vishay Siliconix RAMK027 Datasheet HTML 4Page - Vishay Siliconix RAMK027 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RAMK027
www.vishay.com
Vishay MCB
Revision: 20-Jul-2021
2
Document Number: 32583
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) For the test setup, the RAMK027 metallic support for the stator is directly bonded with a braid to the ground plane and additional connection
of the cable shielding to the ground plane
MAXIMUM SPEED VS. ACCURACY CHART (latency time excluded)
SAP PART NUMBERING GUIDELINES
TYPE
MODEL
DESIGN
SIZE
(mm)
TYPE
FUNCTION
ACCURACY
(BITS)
RESOLUTION
(BITS)
OUTPUT
PACKAGING
3 DIGITS
R = rotational
AM
K = kit
027
M
1
13
16
J
B = box
To consult
Vishay for
dedicated
3 digits
PERFORMANCE
PARAMETER
Operating temperature range
-40 °C to +105 °C
Storage temperature range
-45 °C to +105 °C
Acceleration
100 g for 1 s
Vibration
0.05 g2/Hz, 20 Hz to 2000 Hz for 1 h along the three major axis
Shock
180 g, 14 ms, 1/2 sine
EMC
According to MIL-STD-461F:
- RE101: radiated emissions, magnetic field, 30 Hz to 100 kHz - limit for all navy applications to
figure RE101-2
-
RE102: radiated emissions, electric field, (10 kHz to 18 GHz) - curve for fixed wing external and
helicopters at 2 MHz to 18 GHz, according to figure RE102-3 (1)
- RS101: radiated susceptibility, magnetic field, 30 Hz to 100 kHz - limit for all navy applications
according to figure RS101-1
- RS103: radiated susceptibility, electric field, (2 MHz to 40 GHz) - 200 V/m, according to Table XI,
aircraft external
Humidity
HR
 88 % (non-condensing) operating 48 hours
10
100
1000
10000
1
10
100
1000
10 000
0.01
0.1
1
10
Axis Title
Acurracy (°)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com