Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK027 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RAMK027
Description  Rotational Absolute Magnetic Kit Encoder Version 27 mm HP Position Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK027 Datasheet(HTML) 3 Page - Vishay Siliconix

  RAMK027 Datasheet HTML 1Page - Vishay Siliconix RAMK027 Datasheet HTML 2Page - Vishay Siliconix RAMK027 Datasheet HTML 3Page - Vishay Siliconix RAMK027 Datasheet HTML 4Page - Vishay Siliconix RAMK027 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RAMK027
www.vishay.com
Vishay MCB
Revision: 20-Jul-2021
3
Document Number: 32583
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The washer to set the airgap with respect to distance between stator and rotor reference of 1.25 is not the supplied.
Only its thickness is supplied with the encoder
DIMENSIONS in millimeters
SECTION A-A
BOTTOM VIEW
Ø 4.759 +0.005
0
Ø 9
Ø 25.1
Ø 27.3
-0.01
-0.04
Ø 6.4
50°
SECTION E-E
See note
(1)
Two aligned marks =
approximate zero
SECTION F-F
AA
E
E
F
F
3 x
#0-80
UNF-2B
Thread
dep
th:
2 min
3 x Ø
1.6
3 x Ø
3.6
Rotor
Stator
6 wires AWG32
Length: 330 ± 20
Ø 24.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com