Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK027S Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RAMK027S
Description  Rotational Absolute Magnetic Kit Encoder Version 27 mm Sector Displacement Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK027S Datasheet(HTML) 4 Page - Vishay Siliconix

  RAMK027S Datasheet HTML 1Page - Vishay Siliconix RAMK027S Datasheet HTML 2Page - Vishay Siliconix RAMK027S Datasheet HTML 3Page - Vishay Siliconix RAMK027S Datasheet HTML 4Page - Vishay Siliconix RAMK027S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RAMK027 S
www.vishay.com
Vishay MCB
Revision: 28-Sep-2018
4
Document Number: 32549
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL INTERFACE DESCRIPTION - SSI INTERFACE
Timing Diagram
OPTIONS
• Other design on request (mechanical interfaces, electrical interfaces, ...)
6 WIRES CONNECTIONS
NAME
WIRE COLOR
GND
Black
+5 V
Red
CLK+
White
CLK-
Clear
DATA+
Yellow
DATA-
Green
SSI PARAMETERS
Output code
Binary
Data differential interface
RS422 according to EIA-RS422
CLK differential interface
RS422 according to EIA-RS422
Minimum clock frequency
300 kHz
Maximum clock frequency
4 MHz
Data bit (n)
17 bits
Master system
Sensor
+5 V
+5 V
+5 V
+5 V
100
Ω
+5 V
+5 V
GND
+5 V
DATA+
DATA-
CLK-
CLK+
t
sampling ≥ 16.5 x tclock + tp + 500 ns
1
F
clock
t
clock =
≥ 500 ns
t
p = 12 μs
≤ 200 ns
Start of cycle
End of cycle
CLK+
CLK-
DATA+
0
1
2
14
15
16
DATA-
MSB
LSB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com