Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK027S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RAMK027S
Description  Rotational Absolute Magnetic Kit Encoder Version 27 mm Sector Displacement Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK027S Datasheet(HTML) 1 Page - Vishay Siliconix

  RAMK027S Datasheet HTML 1Page - Vishay Siliconix RAMK027S Datasheet HTML 2Page - Vishay Siliconix RAMK027S Datasheet HTML 3Page - Vishay Siliconix RAMK027S Datasheet HTML 4Page - Vishay Siliconix RAMK027S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RAMK027 S
www.vishay.com
Vishay MCB
Revision: 28-Sep-2018
1
Document Number: 32549
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Rotational Absolute Magnetic Kit Encoder Version 27 mm Sector
Displacement Sensor
FEATURES
• Hall effect principle
• Especially dedicated to harsh conditions
(vibrations, shocks, CEM, ...)
• Not sensitive to external magnetic fields and temperature
• Not sensitive to moisture and pollution
• Plug and play
• Small error due to misalignment
• High Precision (HP)
• Protected design, patent EP 2711663
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, magnetic technology
Output type
Wires or cables
Market appliance
Industrial
Dimensions
Diameter 27.3 mm
ELECTRICAL SPECIFICATIONS
PARAMETER
Voltage supply
5 V ± 0.25 V
Current supply
 110 mA at 5 V
Output
SSI
Connection
Ultra-flex AWG32 wires (shielded cable and connector on request)
Useful electrical angle
± 30° (bigger on request)
Absolute accuracy at 25 °C
± 0.03° > 13 bits
Absolute accuracy at -40 °C to +105 °C
± 0.05° ~ 13 bits
Resolution
 0.003° (16.95 bits, 126 976 points) over 360°
Startup time
 20 ms
Refresh time
 100 μs
Latency time
 200 μs
Sampling rate
10 kHz ± 5 %
MECHANICAL SPECIFICATIONS
PARAMETER
Mechanical angle
360°
Maximum speed rotation
50 rpm (up to 700 rpm with decreasing of accuracy,
see “Maximum Speed vs. Accuracy” chart)
Weight
Rotor: 11 g ± 3 g; stator: 6 g ± 3 g


Similar Part No. - RAMK027S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RAMK027S VISHAY-RAMK027S Datasheet
122Kb / 5P
Rotational Absolute Magnetic Kit Encoder Displacement SensoR
29-Aug-17
More results

Similar Description - RAMK027S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RAME027 VISHAY-RAME027 Datasheet
78Kb / 3P
Rotational Absolute Magnetic Encoder Displacement Sensor
08-Dec-16
RAME027 VISHAY-RAME027_17 Datasheet
87Kb / 3P
Rotational Absolute Magnetic Encoder Displacement Sensor
16-Nov-17
RAME033 VISHAY-RAME033 Datasheet
209Kb / 5P
Rotational Absolute Magnetic Encoder, 33 mm and 37 mm Displacement Sensor
10-Mar-17
RAMK027S VISHAY-RAMK027S Datasheet
122Kb / 5P
Rotational Absolute Magnetic Kit Encoder Displacement SensoR
29-Aug-17
RAMK033 VISHAY-RAMK033 Datasheet
180Kb / 7P
Rotational Absolute Magnetic Kit Encoder Version 33 LP and HP Displacement Sensor
15-Dec-17
RAMK040HP VISHAY-RAMK040HP Datasheet
159Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
06-Dec-17
RAMK090 VISHAY-RAMK090 Datasheet
110Kb / 4P
Rotational Absolute Magnetic Kit Encoder Version 90 mm Displacement Sensor
20-Nov-17
RAMK027 VISHAY-RAMK027 Datasheet
134Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 27 mm HP Position Sensors
20-Jul-2021
RAMK040HP VISHAY-RAMK040HP_V01 Datasheet
156Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
06-Dec-17
RAMK090 VISHAY-RAMK090_V01 Datasheet
132Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 90 mm Displacement Sensors
13-Aug-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com