Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK027S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RAMK027S
Description  Rotational Absolute Magnetic Kit Encoder Version 27 mm Sector Displacement Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK027S Datasheet(HTML) 2 Page - Vishay Siliconix

  RAMK027S Datasheet HTML 1Page - Vishay Siliconix RAMK027S Datasheet HTML 2Page - Vishay Siliconix RAMK027S Datasheet HTML 3Page - Vishay Siliconix RAMK027S Datasheet HTML 4Page - Vishay Siliconix RAMK027S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RAMK027 S
www.vishay.com
Vishay MCB
Revision: 28-Sep-2018
2
Document Number: 32549
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MAXIMUM SPEED VS. ACCURACY CHART
SAP PART NUMBERING GUIDELINES
TYPE
MODEL
DESIGN
SIZE
(mm)
TYPE
FUNCTION
ACCURACY
(BITS)
RESOLUTION
(BITS)
OUTPUT
PACKAGING
3 DIGITS
R = rotational
AM
K = kit
027
M
1
13
16
U
B = box
To consult
Vishay for
dedicated
3 digits
PERFORMANCE
PARAMETER
Operating temperature range
-40 °C to +105 °C (-55 °C to +105 °C on request)
Storage temperature range
-45 °C to +105 °C (-55 °C to +105 °C on request)
Acceleration
70 g for 1 s
Vibration
0.05 g2/Hz, 20 Hz to 2000 Hz for 1 h along the three major axis
Shock
180 g, 14 ms, 1/2 sine
EMC
MIL-STD-461F
-CS114: conducted susceptibility, bulk cable injection,10 kHz to 200 MHz table VI army ground level
common mode injection and differential mode on positive
-RS101: magnetic susceptibility, magnetic field, fig. RS101-2 from 30 Hz to 100 kHz
-RS103: radiated susceptibility, electric field, 2 MHz to 18 GHz (level: 50 V/m)
-RE102: radiated emissions, electric field, fig. RE102-4 - navy mobile and army - 10 kHz to 18 GHz
Humidity
HR
 80 % (non-condensing)
10
100
1000
10000
10
100
1000
0.01
0.1
1
10
Axis Title
Accuracy (
°)
2nd line



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com