Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A720 Datasheet(PDF) 1 Page - Kemet Corporation

Part # A720
Description  A720 Polymer Aluminum
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A720 Datasheet(HTML) 1 Page - Kemet Corporation

  A720_V01 Datasheet HTML 1Page - Kemet Corporation A720_V01 Datasheet HTML 2Page - Kemet Corporation A720_V01 Datasheet HTML 3Page - Kemet Corporation A720_V01 Datasheet HTML 4Page - Kemet Corporation A720_V01 Datasheet HTML 5Page - Kemet Corporation A720_V01 Datasheet HTML 6Page - Kemet Corporation A720_V01 Datasheet HTML 7Page - Kemet Corporation A720_V01 Datasheet HTML 8Page - Kemet Corporation A720_V01 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2078_A720 • 7/26/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Built Into Tomorrow
Benefits
• Polymer cathode technology
• High frequency capacitance retention
• Non-ignition failure mode
• 100% accelerated steady state aging
• 100% surge current tested
• Volumetricefficiency
• MinimumESRuptomΩ
• Voltage: 2 – 35 V
• Capacitance:22–470μF
Overview
The KEMET Aluminum Organic Capacitor (AO-CAP)
is a solid state aluminum capacitor. The cathode is a
conductive organic polymer, which results in very low ESR
and improved capacitance retention at a high frequency.
AO-CAPs may be operated at steady state voltages up
to100% of rated voltage without the need to de-rate.
Since there is no liquid electrolyte, the A720 offers long
operational lifetimes, low ESR and high operational
temperatures. The inherent low ESR renders the A720
suitable for high ripple current handling. The small
package size, high ripple current capability, high operating
temperature, low parasistics, and high capacitance make the
A720 ideal for high performance microprocessor, FPGA, and
ASIC decoupling designs.
Aluminum Organic Capacitor (AO-CAP)
A720 Polymer Aluminum
Applications
Typical applications include DC/DC converters, notebook PCs, telecommunications, displays, and industrial applications.
Environmental Compliance
• RoHS compliant when ordered with 100% Sn, Ni-Pd-Au or non-magnetic 100% Sn solder
• Halogen-free
• Epoxy compliant with UL94 V-0


Similar Part No. - A720_V01

ManufacturerPart #DatasheetDescription
logo
Mersen
A720T MERSEN-A720T Datasheet
669Kb / 4P
0.625kV – 15.5kV FERRULE MOUNTED FUSES
A720T1/2E-1 MERSEN-A720T1/2E-1 Datasheet
669Kb / 4P
0.625kV – 15.5kV FERRULE MOUNTED FUSES
A720T1E-1 MERSEN-A720T1E-1 Datasheet
669Kb / 4P
0.625kV – 15.5kV FERRULE MOUNTED FUSES
A720T2E-1 MERSEN-A720T2E-1 Datasheet
669Kb / 4P
0.625kV – 15.5kV FERRULE MOUNTED FUSES
A720T3/4-1 MERSEN-A720T3/4-1 Datasheet
669Kb / 4P
0.625kV – 15.5kV FERRULE MOUNTED FUSES
More results

Similar Description - A720_V01

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEF-CD1C2R2R PANASONIC-EEF-CD1C2R2R Datasheet
84Kb / 3P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0G151LE PANASONIC-EEF-UD0G151LE Datasheet
107Kb / 3P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0K220R PANASONIC-EEF-CD0K220R Datasheet
65Kb / 2P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CX0J101R PANASONIC-EEF-CX0J101R Datasheet
93Kb / 3P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-GX0E471R PANASONIC-EEF-GX0E471R Datasheet
65Kb / 2P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
logo
Kemet Corporation
A720 KEMET-A720 Datasheet
1Mb / 15P
A720 Polymer Aluminum
A720V567M002APE003 KEMET-A720V567M002APE003 Datasheet
62Kb / 1P
A720, Polymer Aluminum, 560 uF, 20%, 2 VDC, -55/105째C, Height Max = 2.1mm
3/01/2022
A720V567M002APE4R5 KEMET-A720V567M002APE4R5 Datasheet
62Kb / 1P
A720, Polymer Aluminum, 560 uF, 20%, 2 VDC, -55/105째C, Height Max = 2.1mm
3/01/2022
A720V567M2R5APE003 KEMET-A720V567M2R5APE003 Datasheet
62Kb / 1P
A720, Polymer Aluminum, 560 uF, 20%, 2.5 VDC, -55/105째C, Height Max = 2.1mm
3/01/2022
A720V567M2R5APE4R5 KEMET-A720V567M2R5APE4R5 Datasheet
62Kb / 1P
A720, Polymer Aluminum, 560 uF, 20%, 2.5 VDC, -55/105째C, Height Max = 2.1mm
3/01/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com