Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A720 Datasheet(PDF) 2 Page - Kemet Corporation

Part # A720
Description  A720 Polymer Aluminum
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A720 Datasheet(HTML) 2 Page - Kemet Corporation

  A720_V01 Datasheet HTML 1Page - Kemet Corporation A720_V01 Datasheet HTML 2Page - Kemet Corporation A720_V01 Datasheet HTML 3Page - Kemet Corporation A720_V01 Datasheet HTML 4Page - Kemet Corporation A720_V01 Datasheet HTML 5Page - Kemet Corporation A720_V01 Datasheet HTML 6Page - Kemet Corporation A720_V01 Datasheet HTML 7Page - Kemet Corporation A720_V01 Datasheet HTML 8Page - Kemet Corporation A720_V01 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2078_A720 • 7/26/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
2
Aluminum Organic Capacitor (AO-CAP)
A720 Polymer Aluminum
K-SIM
Foradetailedanalysisofspecificpartnumbers,pleasevisitksim.kemet.comtoaccessKEMET'sK-SIMsoftware.KEMET
K-SIM is designed to simulate behavior of components with respect to frequency, ambient temperature, and DC bias levels.
Ordering Information
A
720
V
477
M
002
A
P
E003
Capacitor
Class
Series
Case
Size
Capacitance Code
(pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Failure Rate/
Design
Termination
Finish
ESR
Packaging
(C-Spec)
A =
Aluminum
720 =
Aluminum
Polymer
(Gen II)
V
First two digits
represent
significant
figures.Third
digitspecifies
number of zeros.
M =
±20%
002 = 2
2R5 = 2.5
004 = 4
016 = 16
035 = 35
A =
N/A
P =
Ni-Pd-Au
E = ESR
Last three
digits specify
ESRinmΩ
(018=18mΩ)
Blank = 7" Reel
7280 = 13" Reel
Performance Characteristics
Item
Performance Characteristics
Operating Temperature
−55°Cto105°C
Rated Capacitance Range
22–560μFat120Hz/25°C
Capacitance Tolerance
M Tolerance (20%)
Rated Voltage Range
2 – 35 V
DF (120 Hz)
RefertoPartNumberElectricalSpecificationTable
ESR (100 kHz)
RefertoPartNumberElectricalSpecificationTable
Leakage Current
RefertoPartNumberElectricalSpecificationTable
If there is any concern about leakage current, please perform pre-conditioning to the part
following below conditions:
*Temperature:105°Cmaximum
* Voltage: Rated Voltage
*SeriesResistor:1,000Ω
* Charge Time: 1 hour minimum
* Measuring: Discharge the capacitor(s), store them for 4 to 24 hours at room temperature
andRH≤60%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com