Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A720 Datasheet(PDF) 10 Page - Kemet Corporation

Part # A720
Description  A720 Polymer Aluminum
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A720 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button A720_V01 Datasheet HTML 6Page - Kemet Corporation A720_V01 Datasheet HTML 7Page - Kemet Corporation A720_V01 Datasheet HTML 8Page - Kemet Corporation A720_V01 Datasheet HTML 9Page - Kemet Corporation A720_V01 Datasheet HTML 10Page - Kemet Corporation A720_V01 Datasheet HTML 11Page - Kemet Corporation A720_V01 Datasheet HTML 12Page - Kemet Corporation A720_V01 Datasheet HTML 13Page - Kemet Corporation A720_V01 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2078_A720 • 7/26/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
10
Aluminum Organic Capacitor (AO-CAP)
A720 Polymer Aluminum
Tape & Reel Packaging Information
KEMET’s molded chip capacitor families are packaged in 8 and 12 mm plastic tape on 7" and 13" reels in accordance with
EIA Standard 481: Embossed Carrier Taping of Surface Mount Components for Automatic Handling. This packaging system
is compatible with all tape-fed automatic pick-and-place systems.
Embossment
8 mm (0.315”) or
12 mm (0.472”)
Embossed carrier
Right hand
orientation
only
(+)
(−)
Top tape thickness
0.10 mm (0.004”)
maximum thickness
180 mm (7.0”) or
330 mm (13.”)
Table 3 – Packaging Quantity
Case Code
Tape Width
(mm)
7" Reel*
13" Reel*
KEMET
EIA
V
7343-21
12
1,000
3,000
* No C-Spec required for 7" reel packaging. C-7280 required for 13" reel packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com