Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3306 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3306
Description  HIGHLY INTEGRATED ACTIVE CLAMP FLYBACK PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3306 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3306 Datasheet HTML 1Page - Diodes Incorporated AP3306 Datasheet HTML 2Page - Diodes Incorporated AP3306 Datasheet HTML 3Page - Diodes Incorporated AP3306 Datasheet HTML 4Page - Diodes Incorporated AP3306 Datasheet HTML 5Page - Diodes Incorporated AP3306 Datasheet HTML 6Page - Diodes Incorporated AP3306 Datasheet HTML 7Page - Diodes Incorporated AP3306 Datasheet HTML 8Page - Diodes Incorporated AP3306 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP3306
Document number: DS42803 Rev. 6 - 2
4 of 13
www.diodes.com
May 2022
© Diodes Incorporated
AP3306
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VHT
HV Pin Input Voltage
700
V
VCCH
LDO Supply Voltage
120
V
VCCL
Power Supply Voltage
60
V
IO
Gate Output Current
-800 to +300
mA
VFB, VCS, VDEM
Input Voltage to FB, CS, DEM
-0.3 to 6.5
V
θJA
Thermal Resistance (Junction to Ambient)
165
°C/W
PD
Power Dissipation at TA < +25°C
550
mW
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
+150
°C
ESD
Human Body Model
2000
V
ESD
Charged Device Model
1250
V
Notes:
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCCL
Power Supply Voltage
10
50
V
TA
Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com