Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3306 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3306
Description  HIGHLY INTEGRATED ACTIVE CLAMP FLYBACK PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3306 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3306 Datasheet HTML 4Page - Diodes Incorporated AP3306 Datasheet HTML 5Page - Diodes Incorporated AP3306 Datasheet HTML 6Page - Diodes Incorporated AP3306 Datasheet HTML 7Page - Diodes Incorporated AP3306 Datasheet HTML 8Page - Diodes Incorporated AP3306 Datasheet HTML 9Page - Diodes Incorporated AP3306 Datasheet HTML 10Page - Diodes Incorporated AP3306 Datasheet HTML 11Page - Diodes Incorporated AP3306 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AP3306
Document number: DS42803 Rev. 6 - 2
8 of 13
www.diodes.com
May 2022
© Diodes Incorporated
AP3306
Operation Description (continued)
Frequency Modulation Strategy
The AP3306 operates with valley switching, ZVS mode, green mode, and burst mode to achieve high-efficiency performance.
In general, the AP3306 power system operates with first
“valley status” under low-line and full-load conditions, where the maximum primary peak
current and transformer flux density can occur. The power system designer is thus required to choose the transformer size and switching
frequency according to this worst-case condition.
With output load decreasing from full load in the first
“valley status”, the switching frequency of the AP3306 increases accordingly. In order to avoid
performance degradation at very high switching frequency operation, there is a fixed 125kHz maximum frequency limitation in the AP3306. Since
a too high switching frequency will lead to worsening performance, the AP3306 has a built-in reference in the FB pin voltage to adjust
“peak status”
for green-mode operation, as shown in Figure 5. When the FB pin voltage decreases to a modulating reference, the first
“valley status” is forced to
shift to another available
“valley status”.
The AP3306 has a minimum switching frequency limit of 22kHz to avoid audible noise issues. When the switching frequency decreases to 22kHz
with output load decreasing, the switching frequency will remain at 22kHz. When the FB pin voltage is lower than VBURST, the power system enters
burst mode to reduce power dissipation under very light load conditions.
Figure 5. Frequency Curve
HV Start-Up Circuit for AP3306 Only
A built-in HV start-up circuit in the AP3306 can help to simplify the power system design for ultra-low standby application. For AP3306, there are
two HV start-up charging currents: the ICHARGE-L when VCC is lower than 6V; and the ICHARGE-H when the VCC voltage rises above 6V, which can
prevent the IC from overheating when VCC short-to-GND fault occurs. The HV start-up circuit will stop working with no additional power dissipation
when the VCC voltage reaches the VST, at which point the AP3306 will begin working and will supply energy to VCC from auxiliary winding.
However, the charging process described above is only for the normal system startup condition. Once some system faults occur and the
protection process triggers, the AP3306 will shut down and VCC voltage will begin to decrease. The HV start-up circuit starts working again when
the VCC voltage decreases below VCC-UVLO, and charges the VCC capacitor with the current of ICHARGE-FAULT. This special design can hugely
reduce the input power dissipation when system faults occur, especially for output short conditions. The HV start-up circuit-working processes are
illustrated in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com