Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3306 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3306
Description  HIGHLY INTEGRATED ACTIVE CLAMP FLYBACK PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3306 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3306 Datasheet HTML 1Page - Diodes Incorporated AP3306 Datasheet HTML 2Page - Diodes Incorporated AP3306 Datasheet HTML 3Page - Diodes Incorporated AP3306 Datasheet HTML 4Page - Diodes Incorporated AP3306 Datasheet HTML 5Page - Diodes Incorporated AP3306 Datasheet HTML 6Page - Diodes Incorporated AP3306 Datasheet HTML 7Page - Diodes Incorporated AP3306 Datasheet HTML 8Page - Diodes Incorporated AP3306 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP3306
Document number: DS42803 Rev. 6 - 2
2 of 13
www.diodes.com
May 2022
© Diodes Incorporated
AP3306
Typical Applications Circuit
CY1
U1
DRISR
VCC
GND
VDD
AREF
VDET
1
6
3
4
5
2
APR340
AC
R1
R9
R8
T1
F1
GND
GDL
CS
VCCH
AP3306
NTC1
R4
BD1
L1
R2
R3
HV
FB
DEM
CX1
VCCL
GDH
GND
OCDRV
VCC
V5V
PWR_EN
VBUS
VFB
IFB
OTP
ISENP
CC1
CC2
Vo
GND
CON1
CC1
AP43771V
CC2
DP
DN
2
7
4
3
1
10
5
6
8
D+
D-
2
7
4
3
1
9
5
6
8
13
12
11
10
14
R6
R7
Q1
Q2
Q3
Q4
R11
R12
R13
R14
R15
CE1
CE2
CE3
C1
C2
C3
C6
C7
C8
C9
C10
C11
C12
RT1
U2
U3
U4
D1
D2
D3
D4
C4
Figure 1. Typical Application Circuit of AP3306 for PD3.0 PPS Charger
Pin Descriptions
Pin Name
Pin Number
Function
VCCH
1
Wide range input supply voltage to produce VCC
FB
2
Feedback. Directly connected to the opto-coupler
DEM
3
Peak and valley detection for ZVS control, sample output voltage for SOVP and SUVP,
set OCP line compensation current.
VCCL
4
Supply voltage of driver and control circuits
GDH
5
Gate driver output to drive high side P MOSFET
GDL
6
Gate driver output to drive low side N MOSFET
GND
7
Signal ground. Current return for driver and control circuits
CS
8
Current sense
NC
9
Not connected
HV
10
High voltage input. Sense line voltage and provide startup current to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com